전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRL640PBF 데이터시트(Datasheet) 1 Page - International Rectifier

부품명 IRL640PBF
상세내용  HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18Ω , ID = 17A )
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo 

   
 1 page
background image
IRL640PbF
PD - 94964
www.irf.com
1
01/30/04
Lead-Free
 2 page
background image
IRL640PbF
2
www.irf.com
 3 page
background image
IRL640PbF
www.irf.com
3
 4 page
background image
IRL640PbF
4
www.irf.com
 5 page
background image
IRL640PbF
www.irf.com
5
 6 page
background image
IRL640PbF
6
www.irf.com
 7 page
background image
IRL640PbF
www.irf.com
7
 8 page
background image
IRL640PbF
8
www.irf.com
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
- B -
1.32 (.052)
1.22 (.048)
3X 0.55 (.022)
0.46 (.018)
2.92 (.115)
2.64 (.104)
4.69 (.185)
4.20 (.165)
3X
0.93 (.037)
0.69 (.027)
4.06 (.160)
3.55 (.140)
1.15 (.045)
MIN
6.47 (.255)
6.10 (.240)
3.78 (.149)
3.54 (.139)
- A -
10.54 (.415)
10.29 (.405)
2.87 (.113)
2.62 (.103)
15.24 (.600)
14.84 (.584)
14.09 (.555)
13.47 (.530)
3X
1.40 (.055)
1.15 (.045)
2.54 (.100)
2X
0.36 (.014)
M B A M
4
1
2 3
NOTES:
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982.
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB.
2 CONTROLLING DIMENSION : INCH
4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
HEXFET
1- GATE
2- DRAIN
3- SOURCE
4- DRAIN
LEAD ASSIGNMENTS
IGBTs, CoPACK
1- GATE
2- COLLECTOR
3- EMITTER
4- COLLECTOR
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
TO-220AB Part Marking Information
EXAMPL E :
IN T HE ASSEMB L Y LINE "C"
T HIS IS AN IRF 1010
LOT CODE 1789
AS S E MB L E D ON WW 19, 1997
PART NU MB E R
AS S E MB L Y
LOT CODE
DAT E CODE
YE AR 7 = 1997
LINE C
WEEK 19
LOGO
RE CT IF IE R
INT E RNAT IONAL
Note: "P" in assembly line
position indicates "Lead-Free"
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.01/04




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRFD224PBFHEXFET POWER MOSFET VDSS = 250V RDS on = 1.1Ω ID = 0.63A 1 2 3 4 5 MoreInternational Rectifier
IRF7342PBFHEXFET® Power MOSFET VDSS = -55V RDS on = 0.105Ω 1 2 3 4 5 MoreInternational Rectifier
IRF7832ZPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3709ZCSPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL1104SPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
PVR13N_1Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole Normally-Open 0-100V AC/DC 360mA 1 2 3 4 5 MoreInternational Rectifier
IRF830APBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7304PBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF9520NSPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFIZ24EPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

링크 URL


Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn