전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HHS5XX60F 데이터시트(PDF) 10 Page - Inolux Corporation

부품명 HHS5XX60F
상세설명  5mm Round Lamp with Single Level Housing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INOLUX [Inolux Corporation]
홈페이지  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HHS5XX60F 데이터시트(HTML) 10 Page - Inolux Corporation

Back Button HHS5XX60F Datasheet HTML 3Page - Inolux Corporation HHS5XX60F Datasheet HTML 4Page - Inolux Corporation HHS5XX60F Datasheet HTML 5Page - Inolux Corporation HHS5XX60F Datasheet HTML 6Page - Inolux Corporation HHS5XX60F Datasheet HTML 7Page - Inolux Corporation HHS5XX60F Datasheet HTML 8Page - Inolux Corporation HHS5XX60F Datasheet HTML 9Page - Inolux Corporation HHS5XX60F Datasheet HTML 10Page - Inolux Corporation HHS5XX60F Datasheet HTML 11Page - Inolux Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HHS5XX60F Series
5mm Round Lamp
Single Level Housing
Official Product
HHS5XX60F Series
Customer Part No.
Data Sheet No.
****************
****************
HHS5XX60F Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 28, 2013
Version of 1.0
Page
10/11
Characteristic Curves for Deep Red (DR)


유사한 부품 번호 - HHS5XX60F

제조업체부품명데이터시트상세설명
logo
Inolux Corporation
HHS5XX60E INOLUX-HHS5XX60E Datasheet
521Kb / 9P
   5mm Bi-Color Lamp with Single Level Housing
More results

유사한 설명 - HHS5XX60F

제조업체부품명데이터시트상세설명
logo
Inolux Corporation
HHD5XX60G INOLUX-HHD5XX60G Datasheet
602Kb / 10P
   5mm Round Lamp with Dual Level Housing
HHS3XX60X INOLUX-HHS3XX60X Datasheet
642Kb / 12P
   3mm Round Lamp with Single Level Housing
HHS5XX60E INOLUX-HHS5XX60E Datasheet
521Kb / 9P
   5mm Bi-Color Lamp with Single Level Housing
HHT3XX60C INOLUX-HHT3XX60C Datasheet
601Kb / 10P
   3mm Round Lamp with Triple Level Housing
HHD3XX60X INOLUX-HHD3XX60X Datasheet
614Kb / 10P
   Inolux 3mm Round Lamp with Dual Level Housing
logo
List of Unclassifed Man...
QBL8R35D ETC1-QBL8R35D Datasheet
716Kb / 11P
   5mm Round Lamp
QBL8IB15C ETC2-QBL8IB15C Datasheet
567Kb / 6P
   5mm Round Lamp
QBL8SA40D ETC2-QBL8SA40D Datasheet
426Kb / 8P
   5mm Round Lamp
QBL8IB30C ETC2-QBL8IB30C Datasheet
570Kb / 6P
   5mm Round Lamp
QBL8IB35D ETC2-QBL8IB35D Datasheet
540Kb / 6P
   5mm Round Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com