전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST24D50-02 데이터시트(PDF) 4 Page - Teledyne Technologies Incorporated

부품명 ST24D50-02
상세설명  Single Output to 75A 600 Vac
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

ST24D50-02 데이터시트(HTML) 4 Page - Teledyne Technologies Incorporated

  ST24D50-02 Datasheet HTML 1Page - Teledyne Technologies Incorporated ST24D50-02 Datasheet HTML 2Page - Teledyne Technologies Incorporated ST24D50-02 Datasheet HTML 3Page - Teledyne Technologies Incorporated ST24D50-02 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ST 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
ST\032003\Q1
T case
max (
°C)
100
95
90
85
80
75
1.1
°C/W
1.6
°C/W
4
°C/W
Full on state
50% duty cycle
0
2
4
6
8
10
12
14
16
18
20
01
2
3
4
5
67
8
9
10
11
12
0 10
20
30 40
50
60
70
80 90 100 110 120
Load Current (Arms)
Ambient Temperature (
°C)
2.2
°C/W
6
°C/W
Load Current (Arms)
Ambient Temperature (
°C)
T case
max (
°C)
100
90
80
70
0.95
°C/W
2.2
°C
/W
Full on state
50% duty cycle
0
0
5
10
15
20
25
30
35
40
2468
10
12
14
16
18
20
22
24
26
0
10
20
30
40
50
60
70
80
90 100 110 120
6
°C/W
1.6
°C/W
2.2°
C/W
1.6
°C/W
6
°C/W
Full on state
50% duty cycle
0
0
5
10
15
20
25
30
35
40
45
50
55
60
2468 10 12 14 16 18 20 22 24 26
30
28
32 34 36 38 40 0
10
20
30 40
50
60
70 80
90 100 110 120
65
90
100
80
70
75
85
95
T case
max (
°C)
Load Current (Arms)
Ambient Temperature (
°C)
Load Current (Arms)
Ambient Temperature (
°C)
05
10
15
20
25 30
35
40
45
50
55
60
0
10
20
30
40
50
60
70
80
90
100
Full on state
50% duty cycle
010
20
30
40
5060
7080
90
100 110 120
70
80
90
100
75
85
95
T case
max (
°C)
1.1
°C
/W
2.2°
C/W
6
°C/W
1.6°
C/W
0.9
5°C
/W
0.7
5°C
/W
Load Current (Arms)
Ambient Temperature (
°C)
70
80
90
100
75
85
95
T case
max (
°C)
10
020
30
405060708090
0
10
20
30
40
50
60
70
80
90
100
110
120
130
010 20 30 405060708090 100 110 120
0.75
°C
/W
Full on state
50% duty cycle
6
°C/W
2.2°
C/W
1.6°
C/W
1.1°
C/W
0.95
°C
/W
Load Current (Arms)
Ambient Temperature (
°C)
1.6°
C/W
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
010 20 30405060708090 100 110120
010
20
30
405060708090 100 110
Full on state
50% duty cycle
70
80
90
100
75
85
95
T case
max (
°C)
0.7
5°C
/W
0.9
5°C
/W
6
°C/W
2. 2°
C/W
1.1
°C
/W
Series ST
Figure 5a — 12A output current
Figure 5c — 25A output current
Figure 5d — ST24D40-02
Figure 5e— 50A output current and ST48D40-02
Figure 5f — 75A output current
Figure 5b — ST48D12-02
OUTPUT (LOAD) SPECIFICATION (continued)
Input Type
Min
Max
Units
I2t for Match Fusing (<8.3ms)
12A output current
72
A2S
ST24 25A output current
288
A2S
ST48 25A output current
265
A2S
40A output current
612
A2S
50A output current
1500
A2S
75A output current
5000
A2S
ENVIRONMENTAL SPECIFICATION
Min
Max
Units
Storage Temperature
–40
100
°C
Operating Temperature
–40
100
°C
Input-Output Isolation
4000
Vrms
Output-Case Isolation
12A output current
2500
Vrms
25A output current
2500
Vrms
ST24D40-02
2500
Vrms
ST48D40-02
3300
Vrms
50A output current
3300
Vrms
75A output current
3300
Vrms
THERMAL CHARACTERISTICS


유사한 부품 번호 - ST24D50-02

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
ST24D12 TELEDYNE-ST24D12 Datasheet
672Kb / 3P
   Output to 50A, 600Vac DC Control Solid-State Relays
04/2018
ST24D25 TELEDYNE-ST24D25 Datasheet
672Kb / 3P
   Output to 50A, 600Vac DC Control Solid-State Relays
04/2018
More results

유사한 설명 - ST24D50-02

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
List of Unclassifed Man...
HA6025 ETC1-HA6025 Datasheet
84Kb / 3P
   25-125Amp 600 Vac AC Output
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com