전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC55VEM316AXBN 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC55VEM316AXBN
상세설명  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VEM316AXBN 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC55VEM316AXBN Datasheet HTML 1Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 2Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 3Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 4Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 5Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 6Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 7Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 8Page - Toshiba Semiconductor TC55VEM316AXBN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TC55VEM316AXBN40,55
2002-07-23
5/14
AC CHARACTERISTICS AND OPERATING CONDITIONS
(Ta
==== −−−−40° to 85°C, VDD ==== 2.7 to 3.6 V)
READ CYCLE
TC55VEM316AXBN
40
55
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
40
55
tACC
Address Access Time
40
55
tCO1
Chip Enable(
1
CE
) Access Time
40
55
tCO2
Chip Enable(CE2) Access Time
40
55
tOE
Output Enable Access Time
25
30
tBA
Data Byte Control Access Time
40
55
tCOE
Chip Enable Low to Output Active
5
5
tOEE
Output Enable Low to Output Active
0
0
tBE
Data Byte Control Low to Output Active
5
5
tOD
Chip Enable High to Output High-Z
20
25
tODO
Output Enable High to Output High-Z
20
25
tBD
Data Byte Control High to Output High-Z
20
25
tOH
Output Data Hold Time
10
10
ns
WRITE CYCLE
TC55VEM316AXBN
40
55
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
40
55
tWP
Write Pulse Width
30
40
tCW
Chip Enable to End of Write
35
45
tBW
Data Byte Control to End of Write
35
45
tAS
Address Setup Time
0
0
tWR
Write Recovery Time
0
0
tODW
R/W Low to Output High-Z
20
25
tOEW
R/W High to Output Active
0
0
tDS
Data Setup Time
20
25
tDH
Data Hold Time
0
0
ns
Note:
tOD, tODO, tBD and tODW are specified in time when an output becomes high impedance, and are not judged depending on
an output voltage level.


유사한 부품 번호 - TC55VEM316AXBN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC55VEM208ASTN40 TOSHIBA-TC55VEM208ASTN40 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55VEM416BXGN55 TOSHIBA-TC55VEM416BXGN55 Datasheet
238Kb / 18P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
More results

유사한 설명 - TC55VEM316AXBN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58DVG02A1FT00 TOSHIBA-TC58DVG02A1FT00 Datasheet
453Kb / 44P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55NEM208A TOSHIBA-TC55NEM208A Datasheet
107Kb / 10P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58512FT TOSHIBA-TC58512FT Datasheet
420Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TH58100FT TOSHIBA-TH58100FT Datasheet
421Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC51WHM616AXBN70 TOSHIBA-TC51WHM616AXBN70 Datasheet
207Kb / 11P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VBM316AFTN TOSHIBA-TC55VBM316AFTN Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG1S3BFT00 TOSHIBA-TC58NVG1S3BFT00 Datasheet
315Kb / 37P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com