전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA11389 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 CA11389
상세설명  Emily Assembly
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11389 데이터시트(HTML) 1 Page - Ledil, Inc.

  CA11389 Datasheet HTML 1Page - Ledil, Inc. CA11389 Datasheet HTML 2Page - Ledil, Inc. CA11389 Datasheet HTML 3Page - Ledil, Inc. CA11389 Datasheet HTML 4Page - Ledil, Inc. CA11389 Datasheet HTML 5Page - Ledil, Inc. CA11389 Datasheet HTML 6Page - Ledil, Inc. CA11389 Datasheet HTML 7Page - Ledil, Inc. CA11389 Datasheet HTML 8Page - Ledil, Inc. CA11389 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT DATASHEET
Emily series
last update 9/6/2016
DETAILS
Product Number
CA11389_EMILY-O
Family
Emily
Type
Assembly
Color
clear
Diameter
26 mm
Height
14,97 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
9/06/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G
44+10 deg
Oval
92 %
5.700
-
XP-E
44+9 deg
Oval
92 %
-
-
XD16
43+9 deg
Oval
92 %
4.700
-
LUXEON Rebel
44+10 deg
Oval
89 %
-
-
NVSxx19A
45+13 deg
Oval
87 %
3.300
-
NCSxx19A
44+10 deg
Oval
87 %
-
-
Oslon SSL 80
44+10 deg
Oval
85 %
-
-
Oslon SSL 150
44+12 deg
Oval
-
-
-
Oslon Square EC
43+9 deg
Oval
93 %
5.000
-
Oslon Square Gen3
sim: 45+9
Oval
sim: 94 % sim: 5.500 -
Z5
44+10 deg
Oval
-
-
-
Double Dome (GM2BB)
44+10 deg
Oval
-
-
-
January 25th 2018 8:08 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - CA11389

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA11389 CREE-CA11389 Datasheet
388Kb / 5P
   Emily series
More results

유사한 설명 - CA11389

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA11391 LEDIL-CA11391 Datasheet
646Kb / 9P
   Emily Assembly
CA15359 LEDIL-CA15359 Datasheet
371Kb / 5P
   Emily Assembly
CA11388 LEDIL-CA11388 Datasheet
637Kb / 10P
   Emily Assembly
CA12062 LEDIL-CA12062 Datasheet
2Mb / 39P
   Emily Assembly
CA13546 LEDIL-CA13546 Datasheet
1Mb / 19P
   Emily Assembly
logo
Cree, Inc
CA13546 CREE-CA13546 Datasheet
726Kb / 13P
   Emily series
CA11387 CREE-CA11387 Datasheet
408Kb / 5P
   Emily series
CA12064 CREE-CA12064 Datasheet
1Mb / 22P
   Emily series
CA11388 CREE-CA11388 Datasheet
494Kb / 8P
   Emily series
CA11390 CREE-CA11390 Datasheet
250Kb / 3P
   Emily series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com