전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE6216G 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 TLE6216G
상세설명  Smart Quad Channel Low-Side Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6216G 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6216G Datasheet HTML 2Page - Infineon Technologies AG TLE6216G Datasheet HTML 3Page - Infineon Technologies AG TLE6216G Datasheet HTML 4Page - Infineon Technologies AG TLE6216G Datasheet HTML 5Page - Infineon Technologies AG TLE6216G Datasheet HTML 6Page - Infineon Technologies AG TLE6216G Datasheet HTML 7Page - Infineon Technologies AG TLE6216G Datasheet HTML 8Page - Infineon Technologies AG TLE6216G Datasheet HTML 9Page - Infineon Technologies AG TLE6216G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Datasheet TLE 6216
V7.1
Page 6 of 17
18.10.02
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
VS = 4.8 to 18 V ; Tj = - 40 °C to + 150 °C
(unless otherwise specified)
min
typ
max
1. Power Supply (VS)
Supply current (Outputs ON)
IS
8mA
Supply current (Outputs OFF)
VENA = L, VSTBY = H
IS
4mA
Operating voltage
VS
4.8
32
V
Standby current
VSTBY = L
IS
10
µA
2. Power Outputs
ON state resistance Channel 1,2
Tj = 25
° C
ID = 1A; VS
³ 9.5 V
Tj = 125°C
1
Tj = 150°C
2
RDS(ON)
0.2
0.5
0.5
W
ON state resistance Channel 3,4
Tj = 25
° C
ID = 1A; VS
³ 9.5 V
Tj = 125°C 1
Tj = 150°C
2
RDS(ON)
0.35
0.75
0.75
W
Z-Diode clamping voltage (OUT1...4)
ID
³ 100 mA
VDS(AZ)
45
60
V
Pull down resistor
Tj = 25
°C
VSTBY = H, VIN = L
Tj = -40 °C ...150°C
RPD
14
10
20
26
40
k
W
Output Leakage Current
VSTBY = L
Tj = -40°C...150°C
wafer test at 25°C
IDlk
5
1
mA
mA
Output on delay time
3
ID = 1 A
Output off delay time
3
ID = 1 A
Output on fall time
3
ID = 1 A
Output off rise time
3
ID = 1 A
Output off status delay time
3
ID = 1 A
Output on status delay time
4
Overload switch-off delay time
ton
toff
tfall
trise
t4
t5
tDSO
0
5
5
5
10
50
5
100
25
40
50
50
60
50
300
µs
3. Digital Inputs (IN1, IN2, IN3, IN4, ENA)
Input low voltage
VINL
- 0.3
1.0
V
Input high voltage
VINH
2.0
6.0
V
Input voltage hysteresis
4
VINHys
50
100
mV
Input pull down current
VIN = 5 V; VS
³ 6.5 V IIN
10
30
60
µA
Enable pull down current
VENA = 5 V; VS
³ 6.5 V IENA
10
20
40
µA
4. Digital Status Outputs (ST1 - ST4) open Drain
Output voltage low
IST = 2 mA
VSTL
0.5
V
Leakage current high
ISTH
2µA
1 Measured on P-DSO-20 devices
2 Measured on chip, bond wires not included
3
See timing diagram, resitive load condition; VS
³ 9 V
4
This parameter will not be tested but assured by design


유사한 부품 번호 - TLE6216G

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE6210 INFINEON-TLE6210 Datasheet
693Kb / 35P
   ABS System IC
V1.2 2002-08
TLE6210C INFINEON-TLE6210C Datasheet
693Kb / 35P
   ABS System IC
V1.2 2002-08
TLE6210G INFINEON-TLE6210G Datasheet
693Kb / 35P
   ABS System IC
V1.2 2002-08
TLE6211 INFINEON-TLE6211 Datasheet
693Kb / 35P
   ABS System IC
V1.2 2002-08
TLE6211G INFINEON-TLE6211G Datasheet
693Kb / 35P
   ABS System IC
V1.2 2002-08
More results

유사한 설명 - TLE6216G

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
   Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
   Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
   Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
TLE6228GP INFINEON-TLE6228GP Datasheet
753Kb / 18P
   Smart Quad Channel Low-Side Switch?
V3.1 26. Aug. 2002 1
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
   Smart Quad Channel Low-Side Switch
TLE5226G SIEMENS-TLE5226G Datasheet
196Kb / 13P
   Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
TLE6228 INFINEON-TLE6228_10 Datasheet
1Mb / 19P
   Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
Q67006-A9315 INFINEON-Q67006-A9315 Datasheet
740Kb / 17P
   Smart Quad Low-Side Switch
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP Datasheet
739Kb / 17P
   Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
   Smart Quad Low-Side Switch
V2.2 2009-11-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com