전자부품 데이터시트 검색엔진 |
|
SN74AHC4066D 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74AHC4066D 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 10 page SN74AHC4066 QUADRUPLE BILATERAL ANALOG SWITCH SCLS511 – JUNE 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 2-V to 5.5-V VCC Operation D Supports Mixed-Mode Voltage Operation on All Ports D High On-Off Output-Voltage Ratio D Low Crosstalk Between Switches D Individual Switch Controls D Extremely Low Input Current D ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) description/ordering information This quadruple silicon-gate CMOS analog switch is designed for 2-V to 5.5-V VCC operation. This switch is designed to handle both analog and digital signals. Each switch permits signals with amplitudes up to 5.5 V (peak) to be transmitted in either direction. Each switch section has its own enable-input control (C). A high-level voltage applied to C turns on the associated switch section. Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for analog-to-digital and digital-to-analog conversion systems. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING –40 C to 85 C PDIP – N Tube SN74AHC4066N SN74AHC4066N –40 C to 85 C QFN – RGY Tape and reel SN74AHC4066RGYR HA4066 –40 C to 85 C SOIC – D Tube SN74AHC4066D AHC4066 –40 C to 85 C SOIC – D Tape and reel SN74AHC4066DR AHC4066 –40 C to 85 C SOP – NS Tube SN74AHC4066NS AHC4066 –40 °C to 85°C SOP – NS Tape and reel SN74AHC4066NSR AHC4066 SSOP – DB Tube SN74AHC4066DB HA4066 SSOP – DB Tape and reel SN74AHC4066DBR HA4066 TSSOP – PW Tube SN74AHC4066PW HA4066 TSSOP – PW Tape and reel SN74AHC4066PWR HA4066 TVSOP – DGV Tape and reel SN74AHC4066DGVR HA4066 † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 2B 2A 2C 3C GND VCC 1C 4C 4A 4B 3B 3A D, DB, DGV, N, NS, OR PW PACKAGE (TOP VIEW) RGY PACKAGE (TOP VIEW) 114 78 2 3 4 5 6 13 12 11 10 9 1C 4C 4A 4B 3B 1B 2B 2A 2C 3C NC – No internal connection PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - SN74AHC4066D |
|
유사한 설명 - SN74AHC4066D |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |