전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC4066PWR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHC4066PWR
상세설명  QUADRUPLE BILATERAL ANALOG SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC4066PWR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AHC4066PWR Datasheet HTML 1Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 2Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 3Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 4Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 5Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 6Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 7Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 8Page - Texas Instruments SN74AHC4066PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN74AHC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS511 – JUNE 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Supports Mixed-Mode Voltage Operation on
All Ports
D High On-Off Output-Voltage Ratio
D Low Crosstalk Between Switches
D Individual Switch Controls
D Extremely Low Input Current
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description/ordering information
This quadruple silicon-gate CMOS analog switch
is designed for 2-V to 5.5-V VCC operation.
This switch is designed to handle both analog and
digital signals. Each switch permits signals with
amplitudes up to 5.5 V (peak) to be transmitted in
either direction.
Each switch section has its own enable-input
control (C). A high-level voltage applied to C turns
on the associated switch section.
Applications include signal gating, chopping,
modulation or demodulation (modem), and signal
multiplexing
for
analog-to-digital
and
digital-to-analog conversion systems.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube
SN74AHC4066N
SN74AHC4066N
–40 C to 85 C
QFN – RGY
Tape and reel
SN74AHC4066RGYR
HA4066
–40 C to 85 C
SOIC – D
Tube
SN74AHC4066D
AHC4066
–40 C to 85 C
SOIC – D
Tape and reel
SN74AHC4066DR
AHC4066
–40 C to 85 C
SOP – NS
Tube
SN74AHC4066NS
AHC4066
–40
°C to 85°C
SOP – NS
Tape and reel
SN74AHC4066NSR
AHC4066
SSOP – DB
Tube
SN74AHC4066DB
HA4066
SSOP – DB
Tape and reel
SN74AHC4066DBR
HA4066
TSSOP – PW
Tube
SN74AHC4066PW
HA4066
TSSOP – PW
Tape and reel
SN74AHC4066PWR
HA4066
TVSOP – DGV
Tape and reel
SN74AHC4066DGVR
HA4066
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2B
2A
2C
3C
GND
VCC
1C
4C
4A
4B
3B
3A
D, DB, DGV, N, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
1C
4C
4A
4B
3B
1B
2B
2A
2C
3C
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


유사한 부품 번호 - SN74AHC4066PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC4066PWR TI-SN74AHC4066PWR Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWR TI1-SN74AHC4066PWR Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWR TI-SN74AHC4066PWR Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWRE4 TI-SN74AHC4066PWRE4 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWRE4 TI-SN74AHC4066PWRE4 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results

유사한 설명 - SN74AHC4066PWR

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066_07 Datasheet
577Kb / 20P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI1-SN74AHC4066_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_15 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_07 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com