전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N5060RLRA 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 2N5060RLRA
상세설명  Sensitive Gate Silicon Controlled Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5060RLRA 데이터시트(HTML) 4 Page - ON Semiconductor

  2N5060RLRA Datasheet HTML 1Page - ON Semiconductor 2N5060RLRA Datasheet HTML 2Page - ON Semiconductor 2N5060RLRA Datasheet HTML 3Page - ON Semiconductor 2N5060RLRA Datasheet HTML 4Page - ON Semiconductor 2N5060RLRA Datasheet HTML 5Page - ON Semiconductor 2N5060RLRA Datasheet HTML 6Page - ON Semiconductor 2N5060RLRA Datasheet HTML 7Page - ON Semiconductor 2N5060RLRA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N5060 Series
http://onsemi.com
4
120
50
60
70
80
90
100
110
0
0.1
0.2
0.3
0.4
130
0.5
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
a
dc
110
30
50
70
90
130
dc
α
0
0.1
0.2
0.3
0.4
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
α = 30°
α = 30°
60°
90°
90°
120°
120°
180°
CASE MEASUREMENT
POINT − CENTER OF
FLAT PORTION
60°
180°
TYPICAL PRINTED
CIRCUIT BOARD
MOUNTING
α = CONDUCTION ANGLE
α = CONDUCTION ANGLE
Figure 1. Maximum Case Temperature
Figure 2. Maximum Ambient Temperature
CURRENT DERATING
5.0
0.05
0.01
0.02
0
0.5
1.0
1.5
2.0
3.0
2.5
vT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
0.07
0.03
0.1
0.2
0.3
0.5
0.7
1.0
2.0
5.0
25°C
TJ = 110°C
30
7.0
1.0
3.0
2.0
10
1.0
2.0
3.0
5.0 7.0 10
20
50 70 100
0
0.2
0.4
0.6
a
0.1
0.4
dc
0.8
0
0.2
0.5
α = CONDUCTION ANGLE
0.3
NUMBER OF CYCLES
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
α = 30°
60°
90°
120°
180°
Figure 3. Typical Forward Voltage
Figure 4. Maximum Non−Repetitive Surge Current
Figure 5. Power Dissipation
CURRENT DERATING


유사한 부품 번호 - 2N5060RLRA

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N5060RLRA ONSEMI-2N5060RLRA Datasheet
116Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
September, 2011 ??Rev. 10
2N5060RLRAG ONSEMI-2N5060RLRAG Datasheet
116Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
September, 2011 ??Rev. 10
More results

유사한 설명 - 2N5060RLRA

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com