전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE3C0053-48 데이터시트(PDF) 1 Page - Pasternack Enterprises, Inc.

부품명 PE3C0053-48
상세설명  N Male to N Male Cable 48 Inch Length Using LMR-240 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0053-48 데이터시트(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0053-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0053-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0053-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to N Male Cable 48 Inch Length Using LMR-240 Coax
Configuration
Connector 1
N Male
Connector 1 Specification
MIL-STD-348A
Connector 2
N Male
Connector 2 Specification
MIL-STD-348A
Cable Type
LMR-240
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-240
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Size
Length, in [cm]
48 [121.92]
Diameter, in [mm]
0.827 [21.01]
.
Weight, lbs [g]
0.164 [74.39]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.75 [19.05]
Repeated Minimum Bend Radius, in [mm]
2.5 [63.5]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.24 [6.1]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
N Male
Configuration
Straight
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable 48 Inch Length Using LMR-240 Coax PE3C0053-48
PE3C0053-48 REV
PE3C0053-48
N Male to N Male Cable 48 Inch Length Using LMR-240 Coax


유사한 부품 번호 - PE3C0053-48

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3C0053-12 PASTERNACK-PE3C0053-12 Datasheet
329Kb / 3P
   N Male to N Male Cable 12 Inch Length Using LMR-240 Coax
PE3C0053-24 PASTERNACK-PE3C0053-24 Datasheet
329Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-240 Coax
PE3C0053-36 PASTERNACK-PE3C0053-36 Datasheet
330Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-240 Coax
PE3C0053-60 PASTERNACK-PE3C0053-60 Datasheet
330Kb / 3P
   N Male to N Male Cable 60 Inch Length Using LMR-240 Coax
More results

유사한 설명 - PE3C0053-48

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3C0039-48 PASTERNACK-PE3C0039-48 Datasheet
329Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-240 Coax
PE3C0044-48 PASTERNACK-PE3C0044-48 Datasheet
329Kb / 3P
   SMA Male to N Male Cable 48 Inch Length Using LMR-240 Coax
PE3C0046-48 PASTERNACK-PE3C0046-48 Datasheet
330Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-400 Coax
PE3C0139-48 PASTERNACK-PE3C0139-48 Datasheet
334Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-SW396 Coax
PE3C0033-48 PASTERNACK-PE3C0033-48 Datasheet
327Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-400 Coax
PE3C0142-48 PASTERNACK-PE3C0142-48 Datasheet
333Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-SW540 Coax
PE3C0048-48 PASTERNACK-PE3C0048-48 Datasheet
325Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-600 Coax
PE3C0060-48 PASTERNACK-PE3C0060-48 Datasheet
331Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-195 Coax
PE3C0061-48 PASTERNACK-PE3C0061-48 Datasheet
325Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-195 Coax
PE3C0053-36 PASTERNACK-PE3C0053-36 Datasheet
330Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-240 Coax
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com