전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS19730CX6 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TS19730CX6
상세설명  Discontinuous Conduction Mode Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19730CX6 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19730CX6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19730CX6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19730CX6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19730CX6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19730CX6 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19730CX6 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19730CX6 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS19730CX6
Taiwan Semiconductor
2
Version: B1601
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Thermal Resistance - Junction to Case
RӨJC
106.6
°C/W
Thermal Resistance - Junction to Ambient
RӨJA
220
°C/W
Note: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined at
the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s board
design. RӨJA shown below for single device operation on FR-4 PCB in still air. Thermal Resistance is specified with the
component mounted on a low effective thermal conductivity test board in free air at TA=25°C.
RECOMMENDED OPERATING CONDITIONS (Note 3)
PARAMETER
SYMBOL
CONDITIONS
UNIT
Power Supply Pin
VCC
33
V
CL Voltage to GND
VCL
-0.3 to 5
V
OUT Voltage to GND
VOUT
-0.3 to 19
V
CS Voltage to GND
VCS
-0.3 to 5
V
COM Voltage to GND
VCOM
-0.3 to 5
V
Operating Junction Temperature Range
TJ
-40 to +125
°C
Operating Ambient Temperature Range
TOPA
-40 to +85
°C
ELECTRICAL SPECIFICATIONS (V
CC = 18V, TA = 25°C unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
Start-up Current
VCC(ST)
VCC= VUVLO(on) -1V
--
45
--
μA
Operating Current
IOPA
With 1nF load on out pin
--
2.1
2.6
mA
UVLO(off)
VUVLO(off)
7
8
9
V
UVLO(on)
VUVLO(on)
16
17.5
19
V
OVP Level on VCC Pin
VOVP
29
31
33
V
Voltage Feedback
Feedback Reference Voltage
VFB
0.196
0.2
0.204
V
Transconductance
gm
--
58
--
μS
Output Sink Current
IO-SINK
--
5.8
--
μA
Output Source Current
IO-SOURCE
--
5.8
--
μA
Current Sensing
Open Loop Voltage
VOLP
CS Pin Open
--
5
--
V
Leading-Edge Blanking Time
tLEB
--
400
--
ns
Delay to Output
tDELAY
--
100
--
ns
Current Limit
CL Limit Voltage
VOCP
--
0.3
--
V
Switching Frequency
Start Frequency
fSTR
--
4.5
--
kHz


유사한 부품 번호 - TS19730CX6

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS19730CX6RFG TSC-TS19730CX6RFG Datasheet
361Kb / 7P
   Single-Stage Low THD Buck-Boost PWM Control LED Driver
More results

유사한 설명 - TS19730CX6

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
   Discontinuous-conduction mode
logo
Sanken electric
SSC2102S SANKEN-SSC2102S Datasheet
600Kb / 21P
   Discontinuous Conduction Mode (DCM) Interleaved PFC IC
logo
Renesas Technology Corp
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2016S SANKEN-SSC2016S Datasheet
673Kb / 22P
   Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
   Critical Conduction Mode PFC Control IC
R2A20133BSP RENESAS-R2A20133BSP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_16 Datasheet
288Kb / 14P
   Critical Conduction Mode PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com