전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS19751 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS19751
상세설명  Competitive bill of material design
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19751 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19751 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19751 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS19751
Taiwan Semiconductor
1
Version: B1605
The Product is Covered by Patents and/or Pending Patent Applications
Single-Stage Buck Current Control LED Driver
with High Voltage MOSFET Integrated
DESCRIPTION
The TS19751 is a high performance LED driver
which accuracy constant current PWM controller with
high voltage power MOSFET integrated. It achieves
high accuracy by peak current mode. The device
provide high efficiency along with a number of key
built-in protection features while minimizing the
external component count, simplifying EMI design
and lowering the total bill of material cost. TS19751
also achieving excellent line and load regulation.
Pulse-by-pulse waveform analysis allows for a loop
response
that
is
much
faster
than
traditional
solutions,
resulting
in
improved
dynamic
load
response. The built-in current limit function enables
optimized transformer design in universal off-line
applications over a wide input voltage range.
FEATURES
Competitive bill of material design
Built-in Power MOSFET
Constant current accuracy <±3%
VCC Over Voltage Clamp 19V
Peak Current Mode Control
LED Open Protection(OLP)
Over Current Protection (OCP)
Internal Over Thermal Protection (OTP)
Fast start-up time < 500ms
APPLICATION
Candle light bulb
GU10 light bulb
SOP-8
Pin Definition:
1. GND
2. VCC
3. CS
4. CS
5. DRAIN
6. DRAIN
7. HV
8. GND
Notes: MSL 3 (Moisture Sensitivity Level) per J-STD-020
TYPICAL APPLICATOIN CIRCUIT


유사한 부품 번호 - TS19751

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS19751ACS TSC-TS19751ACS Datasheet
335Kb / 7P
   Single-Stage Buck Current Control LED Driver with High Voltage MOSFET Integrated
More results

유사한 설명 - TS19751

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
ZXLD1350EV3 ZETEX-ZXLD1350EV3 Datasheet
66Kb / 1P
   circuit diagram and bill of materials
ZXSC400EV2 ZETEX-ZXSC400EV2 Datasheet
66Kb / 1P
   circuit diagram and bill of materials
logo
Advanced Crystal Techno...
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
   a range of cost competitive VCXOs
08/11/04
ACT7A01 ACT-ACT7A01 Datasheet
94Kb / 1P
   a range of cost competitive VCXOs
03/04/07
logo
ON Semiconductor
AM306228R1DBGEVB ONSEMI-AM306228R1DBGEVB Datasheet
113Kb / 1P
   Bill of Materials for the AM306228R1DBGEVB Daughterboard
2/11/2010
AM306245R2MMGEVB ONSEMI-AM306245R2MMGEVB Datasheet
159Kb / 1P
   Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
AM305212R1DBGEVB ONSEMI-AM305212R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305212R1DBGEVB Evaluation Board
AM305222R1DBGEVB ONSEMI-AM305222R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305222R1DBGEVB Evaluation Board
logo
Grayhill, Inc
62AG22-L0-020C GRAYHILL-62AG22-L0-020C Datasheet
374Kb / 2P
   Price Competitive Solution
logo
Cymbet Corporation
WP-72-08 CYMBET-WP-72-08 Datasheet
455Kb / 12P
   The 8 Key Competitive Advantages of Solid State Batteries
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com