전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSM160N10LCR 데이터시트(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

부품명 TSM160N10LCR
상세설명  Low gate charge for fast power switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM160N10LCR 데이터시트(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM160N10LCR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM160N10LCR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM160N10LCR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM160N10LCR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM160N10LCR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM160N10LCR Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSM160N10LCR
Taiwan Semiconductor
5
Version: A1610
PACKAGE OUTLINE DIMENSIONS (Unit: Millimeters)
PDFN56
SUGGESTED PAD LAYOUT (Unit: Millimeters)
MARKING DIAGRAM
G
= Halogen Free
Y
= Year Code
WW = Week Code (01~52)
F
= Factory Code
TSC
160N10L
GYWWF


유사한 부품 번호 - TSM160N10LCR

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
   100V N-Channel Power MOSFET
TSM160N10CZC0 TSC-TSM160N10CZC0 Datasheet
486Kb / 6P
   100V N-Channel Power MOSFET
More results

유사한 설명 - TSM160N10LCR

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
TSM150P04LCS TSC-TSM150P04LCS Datasheet
339Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCS TSC-TSM120N06LCS Datasheet
327Kb / 6P
   Low gate charge for fast power switching
TSM088NA03CR TSC-TSM088NA03CR Datasheet
342Kb / 6P
   Low gate charge for fast power switching
TSM089N08LCR TSC-TSM089N08LCR Datasheet
341Kb / 6P
   Low gate charge for fast power switching
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Advanced Power Electron...
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
   Low Gate Charge, Fast Switching Performance
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com