전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DACX0504 데이터시트(PDF) 8 Page - Texas Instruments

부품명 DACX0504
상세설명  Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DACX0504 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DACX0504 Datasheet HTML 4Page - Texas Instruments DACX0504 Datasheet HTML 5Page - Texas Instruments DACX0504 Datasheet HTML 6Page - Texas Instruments DACX0504 Datasheet HTML 7Page - Texas Instruments DACX0504 Datasheet HTML 8Page - Texas Instruments DACX0504 Datasheet HTML 9Page - Texas Instruments DACX0504 Datasheet HTML 10Page - Texas Instruments DACX0504 Datasheet HTML 11Page - Texas Instruments DACX0504 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
DAC80504, DAC70504
SBAS871A – AUGUST 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: DAC80504 DAC70504
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
all minimum and maximum specifications at VDD= 2.7 V to 5.5 V, VIO = 1.7 V to 5.5 V, VREFIN = 1.25 V to 5.5 V, RLOAD = 2 kΩ
to GND, CLOAD = 200 pF to GND, digital inputs at VIO or GND, and TA = –40°C to +125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY REQUIREMENTS
IDD
VDD supply current
Active mode. Internal reference enabled. Gain = 1.
DAC code = full scale. Outputs unloaded. SPI static
2.8
3.6
mA
Active mode. Internal reference disabled. Gain = 1.
DAC code = full scale. Outputs unloaded. SPI static
2.3
3
Power-down
15
30
µA
IIO
VIO supply current
2
3
µA


유사한 부품 번호 - DACX0504

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DACX0504 TI1-DACX0504 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DACX0504 TI1-DACX0504 Datasheet
1Mb / 49P
[Old version datasheet]   Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
More results

유사한 설명 - DACX0504

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
[Old version datasheet]   Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
[Old version datasheet]   Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC81408 TI1-DAC81408 Datasheet
501Kb / 42P
[Old version datasheet]   8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81408 TI1-DAC81408_18 Datasheet
2Mb / 55P
[Old version datasheet]   8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com