전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DACX0508 데이터시트(PDF) 10 Page - Texas Instruments

부품명 DACX0508
상세설명  Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DACX0508 데이터시트(HTML) 10 Page - Texas Instruments

Back Button DACX0508 Datasheet HTML 6Page - Texas Instruments DACX0508 Datasheet HTML 7Page - Texas Instruments DACX0508 Datasheet HTML 8Page - Texas Instruments DACX0508 Datasheet HTML 9Page - Texas Instruments DACX0508 Datasheet HTML 10Page - Texas Instruments DACX0508 Datasheet HTML 11Page - Texas Instruments DACX0508 Datasheet HTML 12Page - Texas Instruments DACX0508 Datasheet HTML 13Page - Texas Instruments DACX0508 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
VDD (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D011
INL Max
INL Min
VDD (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D012
DNL Max
DNL Min
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.14
-0.105
-0.07
-0.035
0
0.035
0.07
0.105
0.14
D009
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.14
-0.105
-0.07
-0.035
0
0.035
0.07
0.105
0.14
D010
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1.5
-1
-0.5
0
0.5
1
1.5
D007
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0.5
1
1.5
D008
10
DAC80508Z, DAC70508Z, DAC60508Z, DAC80508M, DAC70508M, DAC60508M
SLASEL1B – JUNE 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: DAC80508Z DAC70508Z DAC60508Z DAC80508M DAC70508M DAC60508M
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VDD = 5.5 V, Internal Reference = 2.5 V, Gain = 2, DAC outputs unloaded, unless otherwise noted.
Figure 7. Offset Error vs Temperature
Figure 8. Zero Code Error vs Temperature
Figure 9. Gain Error vs Temperature
Figure 10. Full Scale Error vs Temperature
Gain = 1
Figure 11. Integral Linearity Error vs Supply Voltage
Gain = 1
Figure 12. Differential Linearity Error vs Supply Voltage


유사한 부품 번호 - DACX0508

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DACX0508 TI1-DACX0508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DACX0508 TI1-DACX0508 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
More results

유사한 설명 - DACX0508

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
[Old version datasheet]   Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
[Old version datasheet]   Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
logo
Texas Instruments
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
Wolfson Microelectronic...
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
   12-bit Serial Input Voltage Output DAC with Internal Reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
   12-Bit Parallel Input Voltage Output DAC with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com