전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS19705CX6 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS19705CX6
상세설명  Single Stage Flyback or Buck-Boost Current Control with Active PFC for LED lighting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19705CX6 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19705CX6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19705CX6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19705CX6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19705CX6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19705CX6 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19705CX6 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19705CX6 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19705CX6 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS19705CX6
Taiwan Semiconductor
1
Version: C1607
Single Stage Flyback or Buck-Boost Current Control
with Active PFC for LED lighting
DESCRIPTION
TS19705 is constant current control IC with active
power factor correction isolated or non-isolated AC-DC
LED lighting control. The TS19705 is configurable as
an isolated, primary-side-regulated Flyback controller
or non-isolated Buck-Boost converter for LED lighting
applications. The IC achieves high power factor and
low Total Harmonic Distortion (THD) operation by
Boundary Conduction Mode (BCM). The line and load
regulation of LED current is about <±3% because of
particular control method. TS19705 also provides gate
driving voltage clamping, VCC overvoltage protection
and system output open/short circuit protection to
increase IC performance.
FEATURES
Accuracy Constant Current <±3%
Low BOM Cost
Flyback or Buck-Boost w/o photocoupler
Application Voltage Range: 90~264VAC
Built-in Active Power Factor Correction
Good Line and Load Regulation
Open-LED Protection on DMG pin
Over-Voltage Protection on VCC pin
Short-LED Protection
Cycle by Cycle Over Current Protection on CS pin
Over-Temperature Protection
Gate Driving Voltage Clamping
APPLICATION
LED lighting
Down lights, Tube lamps, PAR Lamps, Bulbs
SOT-26
Pin Definition:
1.
COM
2.
GND
3.
CS
4.
Output
5.
VCC
6.
DMG
Notes: MSL 3 (Moisture Sensitivity Level) per J-STD-020
TYPICAL APPLICATOIN CIRCUIT
Flyback Converter
Buck-Boost Converter


유사한 부품 번호 - TS19705CX6

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS19705CX6RFG TSC-TS19705CX6RFG Datasheet
359Kb / 7P
   Single-Stage PFC Primary-Side-Regulation LED Driver
More results

유사한 설명 - TS19705CX6

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS19320CS TSC-TS19320CS Datasheet
295Kb / 2P
   Phase-Cut Dimmable Flyback or Buck-Boost Current Control with Active PFC for LED lighting
logo
Excelliance MOS Corp.
EM8822A EXCELLIANCE-EM8822A Datasheet
493Kb / 9P
   Single stage Buck/Buck-Boost PFC Controller for LED Lighting
logo
Infineon Technologies A...
ICL8001G INFINEON-ICL8001G Datasheet
620Kb / 16P
   Single-Stage Flyback And PFC Controller For LED Lighting Applications
Version 1.0, May 6, 2010
logo
Bruckewell Technology L...
BW7385 BWTECH-BW7385 Datasheet
260Kb / 7P
   Non-isolation Buck current control IC with High PFC for LED Lighting
logo
Taiwan Semiconductor Co...
TS19720 TSC-TS19720 Datasheet
148Kb / 7P
   Signal-Stage PFC Buck Current Control LED Driver
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Holtek Semiconductor In...
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
   Non-isolation Buck LED Lighting Driver with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com