전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYZ50K39 데이터시트(PDF) 2 Page - Diotec Semiconductor

부품명 BYZ50K39
상세설명  Press-Fit Diodes ??Protectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTEC [Diotec Semiconductor]
홈페이지  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYZ50K39 데이터시트(HTML) 2 Page - Diotec Semiconductor

  BYZ50K39 Datasheet HTML 1Page - Diotec Semiconductor BYZ50K39 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BYZ50A22 ... BYZ50A47 | BYZ50K22 ... BYZ50K47
Characteristics
Kennwerte
Forward voltage
Durchlass-Spannung
Tj = 25°C
IF = 50 A
VF
< 1.1 V
Typical junction capacitance
Typische Sperrschichtkapazität
VR = 4 V
Cj
430 pF
Reverse recovery time
Sperrverzug
IF = 0.5 A through/über
IR = 1 A to IR = 0.25 A
trr
typ. 1500 ns
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 0.6 K/W 1)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Temperature measured at the metallic base – Temperatur am Metallsockel gemessen
2
http://www.diotec.com/
© Diotec Semiconductor AG
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
10
10
1
10
3
2
-1
[A]
I
F
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
400a-(50a-1,1v)
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus case temperature
Zul. Richtstrom in Abh. von der Gehäusetemp.
[°C]
T
C
150
100
50
0
200
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
10
3
2
[A]
î
F
1
10
10
[n]
10
2
3


유사한 부품 번호 - BYZ50K39

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
BYZ50K39 DIOTEC-BYZ50K39 Datasheet
163Kb / 2P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Semikron International
BYZ50K39 SEMIKRON-BYZ50K39 Datasheet
210Kb / 1P
   Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ50K39 DIOTEC-BYZ50K39 Datasheet
118Kb / 2P
   Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ50K39 DIOTEC-BYZ50K39 Datasheet
108Kb / 2P
   High Temperature Diodes
More results

유사한 설명 - BYZ50K39

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22_17 Datasheet
147Kb / 2P
   Press-Fit Diodes ??Protectifiers
logo
AEGIS SEMICONDUTORES LT...
A6A:30.01 AEGIS-A6A:30.01 Datasheet
381Kb / 4P
   Press-Fit Diodes
A6A:50.01 AEGIS-A6A:50.01 Datasheet
408Kb / 4P
   Press-Fit Diodes
A6A:35.04 AEGIS-A6A:35.04 Datasheet
361Kb / 4P
   Press-Fit Diodes
logo
Semikron International
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
   Silicon Press-Fit-Diodes
BYP25A05 SEMIKRON-BYP25A05_06 Datasheet
299Kb / 2P
   Silicon Press-Fit-Diodes
logo
Galaxy Semi-Conductor H...
ZQ50A2L3 BILIN-ZQ50A2L3 Datasheet
125Kb / 2P
   SILICON PRESS-FIT DIODES
ZQ50A2L2 BILIN-ZQ50A2L2 Datasheet
174Kb / 2P
   SILICON PRESS-FIT DIODES
logo
Shanghai Shunye Electro...
MP502-MP506 SHUNYE-MP502-MP506 Datasheet
164Kb / 2P
   PRESS-FIT MOTOROLA DIODES
MPZ3524 SHUNYE-MPZ3524 Datasheet
279Kb / 2P
   PRESS-FIT MOTOLOLA DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com