전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP30DC48S03 데이터시트(PDF) 2 Page - Toppower Electronic Technology Limited

부품명 TP30DC48S03
상세설명  20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP30DC48S03 데이터시트(HTML) 2 Page - Toppower Electronic Technology Limited

  TP30DC48S03 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP30DC48S03 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP30DC48S03 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP20(30)DC series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 2 / 3
MECHANICAL DIMENSIONS
PIN CONNECTION
DIP
Package
Package
Package
Package
PIN
Single
1
+Vin
2
-Vin
3
-V0
4
TRIM
5
+V0
6
CNT
B Package MECHANICAL DIMENSIONS
B Package PIN CONNECTION
DIP
Package
Package
Package
Package
PIN
Single
1
+Vin
2
-Vin
3
CNT
4
TRIM
5
GND
6
+V0
TEMPERATURE CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Isolated voltage
Input- Output
1500
VDC
Isolated voltage
Input- case
1500
VDC
Isolated voltage
Output- case
500
VDC
Switch frequency
330
KHZ
Mean time between failures
Mil HDBK 217F Tc=25
2×10
6
case temperature
-40
+95
Storage temperature
-55
+125
Relative humidity
10
90
%
short circuit protection
Long-term short circuit protection,Automatic recovery
Module in every environment temperature rating, case temperature under shall not
Units
:mm
Tolerance:±0.2mm
Units
:mm
Tolerance:±0.2mm
50.80
25.40
10.16
10.16
15.24
20.32
11.20
>4.00
1.00
1.20
5.08
1
2
5
4
3
底视图
7.62
6
1.00
底视图
2
1
3
50.80
6
5
4
45.72


유사한 부품 번호 - TP30DC48S03

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP30DC48S03 TOPPOWER-TP30DC48S03 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results

유사한 설명 - TP30DC48S03

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
   6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
   50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
   100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
   40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
   15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC TOPPOWER-TP15DC_19 Datasheet
768Kb / 4P
   15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DC TOPPOWER-TP10DC Datasheet
416Kb / 4P
   10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com