전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA16833G 데이터시트(Datasheet) 10 Page - Infineon Technologies AG

부품명 TDA16833G
상세내용  Off-line SMPS Controller with 600 V Sense CoolMOS on Board
PDF  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo 

 10 page
background image
TDA16831-4
Data Sheet
10
1999-12-10
Electrical Characteristics
1) Be aware that V
CC capacitor is discharged before IC is plugged into the application board.
2) Power dissipation should be observed.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply Voltage
Supply + Zener Current
V
CC
I
CCZ
–0.3
0
V
Z
20
V
mA
Zener Voltage
1)
page 11
Beware of
P
max
2)
Drain Source Voltage
Avalanche Current
V
DS
I
AC
600
I
csthmax
V
t = 100 ns
Voltage at FB
V
FB
–0.3
5.5
V
Junction Temperature
T
j
–40
150
°C
Storage Temperature
T
stg
–50
150
°C
Thermal Resistance System-Air
R
thSA
R
thSA
90
125
K/W
K/W
P-DIP-8-6
P-DSO-14-11
Operating Range
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply Voltage
V
CC
V
CCH
V
Z
V
Junction Temperature
T
j
–25
120
°C




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


데이터시트



관련 부품명

부품명상세내용Html View제조사
ICE2A0565Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
ICE3A0365Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
ICE2A165Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS™ 1 2 3 4 5 MoreInfineon Technologies AG
ICE2A380P2Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS™ 1 2 3 4 5 MoreInfineon Technologies AG
ICE3B0365JOff-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS™ 1 2 3 4 5 MoreInfineon Technologies AG
ICE3DS01LOff-Line SMPS Current Mode Controller with integrated 500V Startup Cell 1 2 3 4 5 MoreInfineon Technologies AG
ICE3B0365LOff-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS™ and Latched off Mode 1 2 3 4 5 MoreInfineon Technologies AG
ICE3BS02LOff-Line SMPS Current Mode Controller with integrated 500V Startup Cell and Latched off Mode 1 2 3 4 5 MoreInfineon Technologies AG
ICE3AS02Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell 1 2 3 4 5 MoreInfineon Technologies AG
ADMC32828-Lead ROM-Based DSP Motor Controller with Current Sense 1 2 3 4 5 MoreAnalog Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl