전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3702XDBP-28 데이터시트(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3702XDBP-28
상세설명  Microprocessor Supervisory Circuits with Low Line Output and Manual Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3702XDBP-28 데이터시트(HTML) 1 Page - National Semiconductor (TI)

  LM3702XDBP-28 Datasheet HTML 1Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 2Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 3Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 4Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 5Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 6Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 7Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 8Page - National Semiconductor (TI) LM3702XDBP-28 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM3702/LM3703
Microprocessor Supervisory Circuits with Low Line
Output and Manual Reset
General Description
The LM3702/LM3703 series of microprocessor supervisory
circuits provide the maximum flexibility for monitoring power
supplies and battery controlled functions in systems without
backup batteries. The LM3702/LM3703 series are available
in a 9-bump micro SMD package.
Built-in features include the following:
Reset: Reset is asserted during power-up, power-down, and
brownout conditions. RESET is guaranteed down to V
CC of
1.0V.
Manual Reset Input: An input that asserts reset when pulled
low.
Low Line Output: This early power failure warning indicator
goes low when the supply voltage drops to a value which is
2% higher than the reset threshold voltage.
Features
n
Standard Reset Threshold voltage: 3.08V
n
Custom Reset Threshold voltages: For other voltages
between 2.2V and 5.0V in 10mV increments, contact
National Semiconductor Corp.
n
No external components required
n
Manual-Reset input
n
RESET (LM3702) or RESET (LM3703) outputs
n
Precision supply voltage monitor
n
Factory programmable Reset Timeout Delay
n
Available in micro SMD package for minimum footprint
n ±
0.5% Reset threshold accuracy at room temperature
n ±
2% Reset threshold accuracy over temperature
extremes
n
Reset assertion down to 1V V
CC (RESET option only)
n
28 µA V
CC supply current
Applications
n
Embedded Controllers and Processors
n
Intelligent Instruments
n
Automotive Systems
n
Critical µP Power Monitoring
Typical Application
20011503
September 2003
© 2003 National Semiconductor Corporation
DS200115
www.national.com


유사한 부품 번호 - LM3702XDBP-28

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3700 NSC-LM3700 Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuit with Low Line Output
logo
Texas Instruments
LM3700 TI-LM3700 Datasheet
246Kb / 12P
[Old version datasheet]   LM3700/LM3701 Microprocessor Supervisory Circuit with Low Line Output
LM3700XCBP-290 TI-LM3700XCBP-290 Datasheet
246Kb / 12P
[Old version datasheet]   LM3700/LM3701 Microprocessor Supervisory Circuit with Low Line Output
logo
National Semiconductor ...
LM3700XCBP-308 NSC-LM3700XCBP-308 Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuit with Low Line Output
LM3700XCBPX-308 NSC-LM3700XCBPX-308 Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuit with Low Line Output
More results

유사한 설명 - LM3702XDBP-28

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
logo
ams AG
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Texas Instruments
LM3710 TI1-LM3710 Datasheet
1Mb / 19P
[Old version datasheet]   LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com