전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP150N 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 IRFP150N
상세설명  44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFP150N 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  IRFP150N Datasheet HTML 1Page - Fairchild Semiconductor IRFP150N Datasheet HTML 2Page - Fairchild Semiconductor IRFP150N Datasheet HTML 3Page - Fairchild Semiconductor IRFP150N Datasheet HTML 4Page - Fairchild Semiconductor IRFP150N Datasheet HTML 5Page - Fairchild Semiconductor IRFP150N Datasheet HTML 6Page - Fairchild Semiconductor IRFP150N Datasheet HTML 7Page - Fairchild Semiconductor IRFP150N Datasheet HTML 8Page - Fairchild Semiconductor IRFP150N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
IRFP150N Rev. B
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs
CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
20
30
40
50
50
75
100
125
150
0
25
TC, CASE TEMPERATURE (
oC)
VGS = 10V
175
20
0.1
1
2
10-4
10-3
10-2
10-1
100
101
0.01
10-5
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
100
600
30
10-4
10-3
10-2
10-1
100
101
10-5
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
IRFP150N


유사한 부품 번호 - IRFP150N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP150N IRF-IRFP150N Datasheet
135Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
logo
Inchange Semiconductor ...
IRFP150N ISC-IRFP150N Datasheet
243Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Thinki Semiconductor Co...
IRFP150N THINKISEMI-IRFP150N Datasheet
725Kb / 3P
   100V,60A Heatsink N-Channel Type Power MOSFET
logo
ARTSCHIP ELECTRONICS CO...
IRFP150N ARTSCHIP-IRFP150N Datasheet
258Kb / 7P
   HEXFET Power MOSFET
logo
International Rectifier
IRFP150NPBF IRF-IRFP150NPBF Datasheet
1Mb / 9P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRFP150N

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
RFP150N INTERSIL-RFP150N Datasheet
127Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
HUF75637P3 FAIRCHILD-HUF75637P3 Datasheet
201Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
FDB3672_F085 FAIRCHILD-FDB3672_F085 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
STMicroelectronics
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
   N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
logo
Fairchild Semiconductor
FDB3672 FAIRCHILD-FDB3672_09 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
logo
Intersil Corporation
HUF75229P3 INTERSIL-HUF75229P3 Datasheet
135Kb / 8P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com