전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP150N 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 IRFP150N
상세설명  44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFP150N 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button IRFP150N Datasheet HTML 2Page - Fairchild Semiconductor IRFP150N Datasheet HTML 3Page - Fairchild Semiconductor IRFP150N Datasheet HTML 4Page - Fairchild Semiconductor IRFP150N Datasheet HTML 5Page - Fairchild Semiconductor IRFP150N Datasheet HTML 6Page - Fairchild Semiconductor IRFP150N Datasheet HTML 7Page - Fairchild Semiconductor IRFP150N Datasheet HTML 8Page - Fairchild Semiconductor IRFP150N Datasheet HTML 9Page - Fairchild Semiconductor IRFP150N Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
IRFP150N Rev. B
FIGURE 16. GATE CHARGE TEST CIRCUIT
FIGURE 17. GATE CHARGE WAVEFORMS
FIGURE 18. SWITCHING TIME TEST CIRCUIT
FIGURE 19. SWITCHING TIME WAVEFORM
Test Circuits and Waveforms (Continued)
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = 2V
Qg(10)
VGS = 10V
Qg(TOT)
VGS = 20V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
IRFP150N


유사한 부품 번호 - IRFP150N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP150N IRF-IRFP150N Datasheet
135Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
logo
Inchange Semiconductor ...
IRFP150N ISC-IRFP150N Datasheet
243Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Thinki Semiconductor Co...
IRFP150N THINKISEMI-IRFP150N Datasheet
725Kb / 3P
   100V,60A Heatsink N-Channel Type Power MOSFET
logo
ARTSCHIP ELECTRONICS CO...
IRFP150N ARTSCHIP-IRFP150N Datasheet
258Kb / 7P
   HEXFET Power MOSFET
logo
International Rectifier
IRFP150NPBF IRF-IRFP150NPBF Datasheet
1Mb / 9P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRFP150N

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
RFP150N INTERSIL-RFP150N Datasheet
127Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
HUF75637P3 FAIRCHILD-HUF75637P3 Datasheet
201Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
FDB3672_F085 FAIRCHILD-FDB3672_F085 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
STMicroelectronics
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
   N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
logo
Fairchild Semiconductor
FDB3672 FAIRCHILD-FDB3672_09 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
logo
Intersil Corporation
HUF75229P3 INTERSIL-HUF75229P3 Datasheet
135Kb / 8P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com