전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD53509JSWZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD53509JSWZ
상세설명  High Performance Driver/Comparator Active Load on a Single Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD53509JSWZ 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD53509JSWZ Datasheet HTML 2Page - Analog Devices AD53509JSWZ Datasheet HTML 3Page - Analog Devices AD53509JSWZ Datasheet HTML 4Page - Analog Devices AD53509JSWZ Datasheet HTML 5Page - Analog Devices AD53509JSWZ Datasheet HTML 6Page - Analog Devices AD53509JSWZ Datasheet HTML 7Page - Analog Devices AD53509JSWZ Datasheet HTML 8Page - Analog Devices AD53509JSWZ Datasheet HTML 9Page - Analog Devices AD53509JSWZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD53509
Rev. B | Page 6 of 12
ACTIVE LOAD SPECIFICATIONS
All specifications are at TJ = 85°C ± 5°C, VCC = 11 V ± 3%, VEE = −6 V = ±3%, unless otherwise noted. All temperature coefficients are
measured at TJ = 75°C to 95°C.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions
INPUT CHARACTERISTICS
INHL, INHL
Input Voltage
−2
+3
V
IOHC = 1 V, IOLC = 1 V, VCOM = 2 V, OUT_L = 0 V
Bias Current
−250
+250
μA
INHL, INHL = −2 V, +3 V
IOHC Current Program Range
IOH = 0 mA to −40 mA
0
4
V
OUT_L = −0.7 V, +7 V
IOLC Current Program Range
IOL = 0 mA to 40 mA
0
4
V
OUT_L = −2 V, +5.7 V
IOHC, IOLC Input Bias Current
−300
+300
μA
IOLC = 0 V, 4.0 V and IOHC = 0 V, 4.0 V
IOLRTN, IOHRTN Range
−2
+7
V
IOL = 40 mA, IOH = −40 mA, OUT_L = −2 V, +7 V
VDUT Range
−2
+7
V
IOL = 40 mA, IOH = −40 mA, OUT_L − VCOMI >1.3 V
VDUT Range, IOH = 0 mA to −40 mA
−0.7
+7
V
OUT_L − VCOM > 1.3 V
VDUT Range, IOL = 0 mA to 40 mA
−2
+5.7
V
VCOM − VDUT > 1.3 V
VCOMI Input Range
−2
+7
V
IOL = 40 mA, IOH = −40 mA
OUTPUT CHARACTERISTICS
Accuracy
Absolute Accuracy Error, Load Current
−0.3 − 100
+0.3 + 100
% ISET + μA
IOL, IOH = 25 μA to 40 mA, VCOM = 0 V,
OUT_L = ±2 V and IOL = 25 μA to 40 mA,
VCOM = 7 V, OUT_L = 5.7 V and IOH = 25 μA to
40 mA, VCOM = −2 V, OUT_L = −0.7 V
VCOM Buffer
Offset Error
−50
+50
mV
IOL, IOH = 40 mA, VCOMI = 0 V, OUT_L = VCOM
Bias Current
−10
+1
+10
μA
VCOMI = 0 V, OUT_L = VCOM
Gain Error
−0.2
+0.2
%
IOL, IOH = 40 mA, VCOMI = −1 V to +6 V,
VOUT = VCOM
Linearity Error
−10
+10
mV
IOL, IOH = 40 mA, VCOMI = −1 V to +6 V,
VOUT = VCOM
Output Current Temperature Coefficient
<±2
μA/°C
Measured at IOH, IOL = 200 μA
DYNAMIC PERFORMANCE
Propagation Delay
±IOUT to Inhibit
1.9
ns
VCOM = ±2 V, IOL = 20 mA, IOH = −20 mA
Inhibit to ±IOUT
2.8
ns
VCOM = ±2 V, IOL = 20 mA, IOH = 20 mA
Propagation Delay Matching
<1.8
ns
Input/Output Spike
240
mV
VCOM = 0 V, IOL = 20 mA, IOH = −20 mA
Settling Time to 15 mV
<50
ns
IOL = 20 mA, IOH = −20 mA, 50 Ω load to ±15 mV
Settling Time to 4 mV
<10
μs
IOL = 20 mA, IOH = −20 mA, 50 Ω load to ±4 mV


유사한 부품 번호 - AD53509JSWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD53509JSQ AD-AD53509JSQ Datasheet
110Kb / 8P
   High-Performance Driver/Comparator Active Load on a Single Chip
REV. A
More results

유사한 설명 - AD53509JSWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD53032 AD-AD53032_15 Datasheet
110Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53509 AD-AD53509 Datasheet
110Kb / 8P
   High-Performance Driver/Comparator Active Load on a Single Chip
REV. A
AD53032 AD-AD53032 Datasheet
101Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53033 AD-AD53033 Datasheet
96Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53033 AD-AD53033_15 Datasheet
99Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
   High Performance Driver/Comparator
REV. B
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
STCmicro Technology Co,...
STC12C5A60S2 STC-STC12C5A60S2 Datasheet
1Mb / 439P
   single-chip microcontroller based on a high performance 1T architecture 80C51 CPU
logo
Maxim Integrated Produc...
MAX9973 MAXIM-MAX9973 Datasheet
382Kb / 26P
   Dual Driver/Comparator/Load with Internal DACs
Rev 0; 1/07
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com