전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC960 데이터시트(PDF) 7 Page - Texas Instruments

부품명 CDC960
상세설명  200-MHz CLOCK SYNTHESIZER/DRIVER WITH SPREAD SPECTURM CAPABILITY AND DEVICE CONTROL INTERFACE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDC960 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CDC960 Datasheet HTML 2Page - Texas Instruments CDC960 Datasheet HTML 3Page - Texas Instruments CDC960 Datasheet HTML 4Page - Texas Instruments CDC960 Datasheet HTML 5Page - Texas Instruments CDC960 Datasheet HTML 6Page - Texas Instruments CDC960 Datasheet HTML 7Page - Texas Instruments CDC960 Datasheet HTML 8Page - Texas Instruments CDC960 Datasheet HTML 9Page - Texas Instruments CDC960 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CDC960
200MHz CLOCK SYNTHESIZER/DRIVER
WITH SPREAD SPECTRUM CAPABILITY AND DEVICE CONTROL INTERFACE
SCAS675 – APRIL 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
connecting SCLK and SDATA to 5-V SMBus signals (continued)
There are many manufacturers making Zener diodes that can be used for this application. Panasonic MA8033
and Vishay BZX84C3V3 that have 3.1 V < VZ < 3.5 V can be used for this application. In this case R1 is
recommended as 150
Ω.
The worst IOH in equation (1) is 16 mA when VOH = 5.5 V, RS = 0 Ω and VIO = 3.1 V.
The current in equation (2), between 4 mA and 4.6 mA, satisfies the requirement.
Equation (3) is also satisfied with the selected R1 and diode.
2.
Clamping Diode to VDD
VO
150 k
SCLK
OR
SDATA
Driver
R1
D1
VIO
SCLK
or
SDATA
CDC960
3.3 V
3.3 V
Figure 2. SCLK SDATA Connection to 5-V SMBus Using Clamping Diode to VDD
Diode D1 in Figure 2 should have a small forward voltage (VF). Ideally, we want VF to be less than 300 mV to
meet the input voltage requirement of the CDC960. International IOR Rectifier has a device (part number
10BQ015) with maximum VF of 350 mV at 1.0 A. Using the 10BQ015 with R1 = 150 Ω, the worst-case IOH is
calculated using equation (4).
I
OH +
5.5 V
* (3.0 * 0.35) V
150
W
+ 14 mA
The calculation for equations (2) and (3) is the same as in part 1.
When using the configuration in Figure 2, the power supply is required to have a capability of sinking current.
The total amount of sinking current is dependent on the overall load connected to that power supply.
Using the above interface circuitry with a high-impedance source, the available high-level voltage on the SMBus
is limited to about (Vzk) for the configuration in Figure 1 and (VDD(CDC960) + VF(D1)) for the configuration in
Figure 2. One has to choose which option best fits a given SMBus configuration.
Actually, the typical SMBus configuration is an open-drain configuration with pullup resistors to the
corresponding power supply. It does not require a 5-V SMBus driver that has a low impedance to drive the
CDC960 SMBus ports with its additional components as shown in Figure 1 and Figure 2. The external
components are not needed if the pullup resistors of the SMBus are directly connected to a voltage equal to
the supply voltage of the CDC960 (typically 3.3 V). This pullup resistor connection is strongly recommended.
(4)


유사한 부품 번호 - CDC960

제조업체부품명데이터시트상세설명
logo
Endress+Hauser Group Se...
CDC90 EH-CDC90 Datasheet
1Mb / 32P
   The smart system for automated measuring points
2022-03-04
logo
Texas Instruments
CDC906 TI-CDC906 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PW TI-CDC906PW Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWG4 TI-CDC906PWG4 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWR TI-CDC906PWR Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results

유사한 설명 - CDC960

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-03 SPECTRALINEAR-W320-03 Datasheet
251Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04 CYPRESS-W320-04 Datasheet
261Kb / 17P
   200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-04 SPECTRALINEAR-W320-04 Datasheet
197Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2210 SPECTRALINEAR-CY2210 Datasheet
187Kb / 10P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
logo
Cypress Semiconductor
CY2210 CYPRESS-CY2210 Datasheet
129Kb / 10P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com