전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSDMLQ31.23 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 KSDMLQ31.23
상세설명  SYNIOS P2720
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KSDMLQ31.23 데이터시트(HTML) 5 Page - OSRAM GmbH

  KSDMLQ31.23 Datasheet HTML 1Page - OSRAM GmbH KSDMLQ31.23 Datasheet HTML 2Page - OSRAM GmbH KSDMLQ31.23 Datasheet HTML 3Page - OSRAM GmbH KSDMLQ31.23 Datasheet HTML 4Page - OSRAM GmbH KSDMLQ31.23 Datasheet HTML 5Page - OSRAM GmbH KSDMLQ31.23 Datasheet HTML 6Page - OSRAM GmbH KSDMLQ31.23 Datasheet HTML 7Page - OSRAM GmbH KSDMLQ31.23 Datasheet HTML 8Page - OSRAM GmbH KSDMLQ31.23 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.1
KS DMLQ31.23
2016-08-16
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 21
Durchlassspannungsgruppen 4) Seite 21
Dominant Wavelength Groups
3) page 21
Dominant Wellenlängengruppen 3) Seite 21
Group
Luminous Flux 1) page 21
Luminous Flux 1) page 21
Luminous Intensity
6) page 21
Gruppe
Lichtstrom 1) Seite 21
Lichtstrom 1) Seite 21
Lichtstärke 6) Seite 21
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
GZ
24
28
8.6
HX
28
33
10.1
HY
33
39
11.9
HZ
39
45
13.9
JX
45
52
16
JY
52
61
18.6
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
J3
2.00
2.15
M3
2.15
2.30
Q3
2.30
2.45
T3
2.45
2.60
Group
super red
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
6
627
630
7
630
634
8
634
637
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.


유사한 부품 번호 - KSDMLQ31.23

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
KSDMLQ31.23 OSRAM-KSDMLQ31.23_18 Datasheet
732Kb / 23P
   SYNIOS P2720
More results

유사한 설명 - KSDMLQ31.23

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
KYDMLN31.23 OSRAM-KYDMLN31.23 Datasheet
666Kb / 22P
   SYNIOS P2720
KYDMLS31.FY OSRAM-KYDMLS31.FY Datasheet
745Kb / 23P
   SYNIOS P2720
KYDMLQ31.23 OSRAM-KYDMLQ31.23 Datasheet
687Kb / 22P
   SYNIOS P2720
KYDMLN31.FY OSRAM-KYDMLN31.FY Datasheet
704Kb / 23P
   SYNIOS P2720
KSDMLN31.23 OSRAM-KSDMLN31.23 Datasheet
667Kb / 22P
   SYNIOS P2720
KWDMLS31.SG OSRAM-KWDMLS31.SG Datasheet
791Kb / 23P
   SYNIOS P2720
KYDMLS31.23 OSRAM-KYDMLS31.23 Datasheet
703Kb / 22P
   SYNIOS P2720
SFH4775S OSRAM-SFH4775S Datasheet
503Kb / 13P
   IR SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23_18 Datasheet
732Kb / 23P
   SYNIOS P2720
KSDMLS31.23 OSRAM-KSDMLS31.23 Datasheet
695Kb / 22P
   SYNIOS P2720
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com