전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSDMLS31.23-6J8K-68-M3W3 데이터시트(PDF) 8 Page - OSRAM GmbH

부품명 KSDMLS31.23-6J8K-68-M3W3
상세설명  SYNIOS P2720
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KSDMLS31.23-6J8K-68-M3W3 데이터시트(HTML) 8 Page - OSRAM GmbH

Back Button KSDMLS31.23-6J8K-68-M3W3 Datasheet HTML 4Page - OSRAM GmbH KSDMLS31.23-6J8K-68-M3W3 Datasheet HTML 5Page - OSRAM GmbH KSDMLS31.23-6J8K-68-M3W3 Datasheet HTML 6Page - OSRAM GmbH KSDMLS31.23-6J8K-68-M3W3 Datasheet HTML 7Page - OSRAM GmbH KSDMLS31.23-6J8K-68-M3W3 Datasheet HTML 8Page - OSRAM GmbH KSDMLS31.23-6J8K-68-M3W3 Datasheet HTML 9Page - OSRAM GmbH KSDMLS31.23-6J8K-68-M3W3 Datasheet HTML 10Page - OSRAM GmbH KSDMLS31.23-6J8K-68-M3W3 Datasheet HTML 11Page - OSRAM GmbH KSDMLS31.23-6J8K-68-M3W3 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2016-08-16
8
Version 1.2
KS DMLS31.23
Forward Current 6) page 21 , 7) page 21
Durchlassstrom 6) Seite 21 , 7) Seite 21
IF = f (VF); TS = 25 °C
Relative Luminous Flux 6) page 21 , 7) page 21
Relativer Lichtstrom 6) Seite 21 , 7) Seite 21
ΦVV(700 mA) = f(IF); TS = 25 °C
KS DMLS31.23
1,7
2,7
1,8
2,0
2,2
2,4
2,6
VF [V]
20
200
400
600
800
1000
IF [mA]
KS DMLS31.23
20
20
0
40
0
60
0
80
0
10
00
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φ
V
Φ
V(700mA)


유사한 부품 번호 - KSDMLS31.23-6J8K-68-M3W3

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
KSDMLN31.23 OSRAM-KSDMLN31.23 Datasheet
667Kb / 22P
   SYNIOS P2720
KSDMLN31.23-FYHX-68-J3T3 OSRAM-KSDMLN31.23-FYHX-68-J3T3 Datasheet
667Kb / 22P
   SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23 Datasheet
687Kb / 22P
   SYNIOS P2720
KSDMLQ31.23-GZJY-68-J3T3 OSRAM-KSDMLQ31.23-GZJY-68-J3T3 Datasheet
687Kb / 22P
   SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23_18 Datasheet
732Kb / 23P
   SYNIOS P2720
More results

유사한 설명 - KSDMLS31.23-6J8K-68-M3W3

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
KYDMLN31.23 OSRAM-KYDMLN31.23 Datasheet
666Kb / 22P
   SYNIOS P2720
KYDMLS31.FY OSRAM-KYDMLS31.FY Datasheet
745Kb / 23P
   SYNIOS P2720
KYDMLQ31.23 OSRAM-KYDMLQ31.23 Datasheet
687Kb / 22P
   SYNIOS P2720
KYDMLN31.FY OSRAM-KYDMLN31.FY Datasheet
704Kb / 23P
   SYNIOS P2720
KSDMLN31.23 OSRAM-KSDMLN31.23 Datasheet
667Kb / 22P
   SYNIOS P2720
KWDMLS31.SG OSRAM-KWDMLS31.SG Datasheet
791Kb / 23P
   SYNIOS P2720
KYDMLS31.23 OSRAM-KYDMLS31.23 Datasheet
703Kb / 22P
   SYNIOS P2720
SFH4775S OSRAM-SFH4775S Datasheet
503Kb / 13P
   IR SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23 Datasheet
687Kb / 22P
   SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23_18 Datasheet
732Kb / 23P
   SYNIOS P2720
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com