전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX28333 데이터시트(PDF) 3 Page - Synaptics Incorporated.

부품명 CX28333
상세설명  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONEXANT [Synaptics Incorporated.]
홈페이지  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28333 데이터시트(HTML) 3 Page - Synaptics Incorporated.

  CX28333 Datasheet HTML 1Page - Synaptics Incorporated. CX28333 Datasheet HTML 2Page - Synaptics Incorporated. CX28333 Datasheet HTML 3Page - Synaptics Incorporated. CX28333 Datasheet HTML 4Page - Synaptics Incorporated. CX28333 Datasheet HTML 5Page - Synaptics Incorporated. CX28333 Datasheet HTML 6Page - Synaptics Incorporated. CX28333 Datasheet HTML 7Page - Synaptics Incorporated. CX28333 Datasheet HTML 8Page - Synaptics Incorporated. CX28333 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
100985A
Conexant
Ordering Information
Revision History
Model Number
Package
Description
Operating
Temperature
CX28331-1x
80-Pin ETQFP
Single-channel LIU
40 °C to +85 °C
CX28332-1x
80-Pin ETQFP
Dual-channel LIU
40 °C to +85 °C
CX28333-1x
80-Pin ETQFP
Triple-channel LIU
40 °C to +85 °C
CX28331-3x
100-Pin ETQFP
Single channel with Transmit Monitoring
40 °C to +85 °C
CX28332-3x
100-Pin ETQFP
Dual channel with Transmit Monitoring
40 °C to +85 °C
CX28333-3x
100-Pin ETQFP
Triple channel with Transmit Monitoring
40 °C to +85 °C
Revision
Level
Date
Description
A
May 5, 2000
Initial Release


유사한 부품 번호 - CX28333

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CX28342 ETC1-CX28342 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28343 ETC1-CX28343 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28344 ETC1-CX28344 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28346 ETC1-CX28346 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28348 ETC1-CX28348 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
More results

유사한 설명 - CX28333

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
28333-DSH-001-A MA-COM-28333-DSH-001-A_15 Datasheet
710Kb / 65P
   Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
   3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
logo
M/A-COM Technology Solu...
28333-DSH-001-A MA-COM-28333-DSH-001-A Datasheet
710Kb / 65P
   Single/Dual/Triple E3/DS3/STS-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com