전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX28332-3X 데이터시트(PDF) 11 Page - Synaptics Incorporated.

부품명 CX28332-3X
상세설명  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONEXANT [Synaptics Incorporated.]
홈페이지  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28332-3X 데이터시트(HTML) 11 Page - Synaptics Incorporated.

Back Button CX28332-3X Datasheet HTML 7Page - Synaptics Incorporated. CX28332-3X Datasheet HTML 8Page - Synaptics Incorporated. CX28332-3X Datasheet HTML 9Page - Synaptics Incorporated. CX28332-3X Datasheet HTML 10Page - Synaptics Incorporated. CX28332-3X Datasheet HTML 11Page - Synaptics Incorporated. CX28332-3X Datasheet HTML 12Page - Synaptics Incorporated. CX28332-3X Datasheet HTML 13Page - Synaptics Incorporated. CX28332-3X Datasheet HTML 14Page - Synaptics Incorporated. CX28332-3X Datasheet HTML 15Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
100985A
Conexant
1-1
1
1.0 Pin Description
1.1 Pin Assignments
Figures 1-1 (CX28331-1x), 1-2 (CX28332-1x), and 1-3 (CX28333-1x) illustrate
pin assignments for the 80-pin Exposed Thin Quad Flat Package (ETQFP). See
Table 1-1 for the CX2833i-1x pin descriptions.
Figures 1-4 (CX28331-3x), 1-5 (CX28332-3x), and 1-6 (CX28333-3x)
illustrate pin assignments for the 100-pin ETQFP. The 100-pin package adds
more functionality, supporting new features such as Transmit Monitoring and
Transmit Monitoring Status testing. See Table 1-2 for the CX2833i-3x pin
descriptions.
The input/output (I/O) column is coded as follows:
I = Input
O = Output
I/O = Bidirectional
P = Power
NOTE:
All digital inputs and outputs contain 75 k
pull-down resistors.
When a channel is disabled (i.e., the PDx pin is tied low or not connected), all
receive and transmit analog circuitry powers down. Analog inputs (RLINE) are
ignored and analog outputs (TLINE) are high impedance. Digital inputs of a
powered-down channel are still active, but ignored. Overall noise on the device
can be lowered by not driving the digital inputs of a powered-down channel.
NOTE:
When power is disconnected from the device, TLINE pins are low
impedance to ground if driven by more than one forward-bias diode
voltage (0.7 V) below ground. Additionally, driving TLINE, a
forward-bias diode voltage above the VGG pin, creates a low impedance
path from the TLINE pin to the VGG pin. Otherwise, the TLINE pins are
high impedance.


유사한 부품 번호 - CX28332-3X

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CX28342 ETC1-CX28342 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28343 ETC1-CX28343 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28344 ETC1-CX28344 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28346 ETC1-CX28346 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28348 ETC1-CX28348 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
More results

유사한 설명 - CX28332-3X

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
28333-DSH-001-A MA-COM-28333-DSH-001-A_15 Datasheet
710Kb / 65P
   Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
   3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
logo
M/A-COM Technology Solu...
28333-DSH-001-A MA-COM-28333-DSH-001-A Datasheet
710Kb / 65P
   Single/Dual/Triple E3/DS3/STS-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com