전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TC554161AFTI-70 데이터시트(HTML) 3 Page - Toshiba Semiconductor

부품명 TC554161AFTI-70
상세내용  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo 

TC554161AFTI-70 데이터시트(HTML) 3 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 3 / 10 page
background image
TC554161AFTI-70,-85,-10,-70L,-85L,-10L
2001-08-17
3/10
DC RECOMMENDED OPERATING CONDITIONS (Ta
==== ----40° to 85°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VDD
Power Supply Voltage
4.5
5.0
5.5
V
VIH
Input High Voltage
2.4
¾
VDD + 0.3
V
VIL
Input Low Voltage
-0.3*
¾
0.6
V
VDH
Data Retention Supply Voltage
2.0
¾
5.5
V
*:
-3.0V when measured at a pulse width of 30 ns
DC CHARACTERISTICS (Ta
==== ----40° to 85°C, VDD ==== 5 V ±±±± 10%)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IIL
Input Leakage
Current
VIN = 0 V~VDD
¾
¾
±1.0
mA
ILO
Output Leakage
Current
CE
= VIH or R/W = VIL or OE = VIH, VOUT = 0 V~VDD
¾
¾
±1.0
mA
IOH
Output High Current
VOH = 2.4 V
-1.0
¾
¾
mA
IOL
Output Low Current
VOL = 0.4 V
2.1
¾
¾
mA
tcycle = 70 ns
¾
¾
110
tcycle = 85 ns, 100 ns
¾
¾
100
IDDO1
CE
= VIL and R/W = VIH,
IOUT = 0 mA,
Other Input
= VIH/VIL
tcycle = 1 ms
¾
15
¾
mA
tcycle = 70 ns
¾
¾
100
tcycle = 85 ns, 100 ns
¾
¾
90
IDDO2
Operating Current
CE
= 0.2 V and R/W = VDD - 0.2 V,
IOUT = 0 mA,
Other Input
= VDD - 0.2 V/0.2 V
tcycle = 1 ms
¾
10
¾
mA
IDDS1
CE
= VIH
¾
¾
3
mA
Ta
= 25°C
¾
2
¾
-70,-85,-10
Ta
= -40~85°C
¾
¾
200
Ta
= 25°C
¾
2
5
IDDS2
Standby Current
CE
= VDD - 0.2 V,
VDD = 2.0 V~5.5 V
-70L,-85L,-10L
Ta
= -40~85°C
¾
¾
100
mA
CAPACITANCE (Ta
==== 25°C, f ==== 1 MHz)
SYMBOL
PARAMETER
TEST CONDITION
MAX
UNIT
CIN
Input Capacitance
VIN = GND
10
pF
COUT
Output Capacitance
VOUT = GND
10
pF
Note:
This parameter is periodically sampled and is not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn