전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6010A4 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6010A4
상세설명  STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6010A4 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPA6010A4 Datasheet HTML 2Page - Texas Instruments TPA6010A4 Datasheet HTML 3Page - Texas Instruments TPA6010A4 Datasheet HTML 4Page - Texas Instruments TPA6010A4 Datasheet HTML 5Page - Texas Instruments TPA6010A4 Datasheet HTML 6Page - Texas Instruments TPA6010A4 Datasheet HTML 7Page - Texas Instruments TPA6010A4 Datasheet HTML 8Page - Texas Instruments TPA6010A4 Datasheet HTML 9Page - Texas Instruments TPA6010A4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
0.01
0.1
1
10
10
100
200
PO − Output Power − mW
VDD = 5 V,
f = 1 kHz
RL = 32 Ω
Single-Ended
Gain = 6 dB
50
0.01
0.1
1
10
0.01
0.1
1
PO − Output Power − W
VDD = 5 V,
f = 1 kHz
Bridge-Tied Load
Gain = 6 dB
RL = 4 Ω
RL = 3 Ω
RL = 8 Ω
2
3
TPA6010A4
SLOS268B – JUNE 2000 – REVISED AUGUST 2004
FIGURE
vs Output power
1,2
THD + N
Total harmonic distortion + noise
vs Dockout voltage
3
vs Frequency
4, 5, 6
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
6


유사한 부품 번호 - TPA6010A4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWPR TI-TPA6010A4PWPR Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
More results

유사한 설명 - TPA6010A4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
National Semiconductor ...
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com