전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6010A4PWPR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6010A4PWPR
상세설명  STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6010A4PWPR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPA6010A4PWPR Datasheet HTML 5Page - Texas Instruments TPA6010A4PWPR Datasheet HTML 6Page - Texas Instruments TPA6010A4PWPR Datasheet HTML 7Page - Texas Instruments TPA6010A4PWPR Datasheet HTML 8Page - Texas Instruments TPA6010A4PWPR Datasheet HTML 9Page - Texas Instruments TPA6010A4PWPR Datasheet HTML 10Page - Texas Instruments TPA6010A4PWPR Datasheet HTML 11Page - Texas Instruments TPA6010A4PWPR Datasheet HTML 12Page - Texas Instruments TPA6010A4PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
TPA6010A4
SLOS268B – JUNE 2000 – REVISED AUGUST 2004
Table 2. VOLUME Voltage and Gain Values
VOLUME (Terminal 23)
TYPICAL GAIN OF AMPLIFIER (VOLUME Stage)(1)
Inceasing Voltage (V)(2)(3)
Decreasing Voltage (V)(2)(3)
BTL Gain (dB)
SE Gain (dB)
0.00 – 0.20
0.16 – 0.00
20
14
0.21 – 0.31
0.27 – 0.17
18
12
0.32 – 0.42
0.38 – 0.28
16
10
0.43 – 0.54
0.50 – 0.39
14
8
0.55 – 0.65
0.61 – 0.51
12
6
0.66 – 0.76
0.72 – 0.62
10
4
0.77 – 0.88
0.84 – 0.73
8
2
0.89 – 0.99
0.96 – 0.85
6
0
1.00 – 1.11
1.07 – 0.97
4
-2
1.12 – 1.22
1.19 – 1.08
2
-4
1.23 – 1.34
1.30 – 1.20
0
-6
1.35 – 1.45
1.42 – 1.31
-2
-8
1.46 – 1.56
1.53 – 1.43
-4
-10
1.57 – 1.68
1.64 – 1.54
-6
-12
1.69 – 1.79
1.76 – 1.65
-8
-14
1.80 – 1.91
1.88 – 1.77
-10
-16
1.92 – 2.02
1.99 – 1.89
-12
-18
2.03 – 2.14
2.11 – 2.00
-14
-20
2.15 – 2.25
2.23 – 2.12
-16
-22
2.26 – 2.37
2.34 – 2.24
-18
-24
2.38 – 2.48
2.47 – 2.35
-20
-26
2.49 – 2.60
2.57 – 2.46
-22
-28
2.61 – 2.71
2.69 – 2.58
-24
-30
2.72 – 2.83
2.81 – 2.70
-26
-32
2.84 – 2.95
2.92 – 2.82
-28
-34
2.96 – 3.06
3.04 – 2.93
-30
-36
3.07 – 3.18
3.15 – 3.05
-32
-38
3.19 – 3.29
3.27 – 3.16
-34
-40
3.30 – 3.41
3.39 – 3.28
-36
-42
3.42 – 3.52
3.50 – 3.40
-38
-44
3.53 – 3.63
3.62 – 3.51
-40
-46
3.64 – 5.00
5.00 – 3.63
-95
-95
(1)
Typical gain values can vary by
±2 dB.
(2)
To set the Internal and DOCKOUT gain to a fixed value upon power up, use the appropriate voltage range in the Decreasing Voltage
column.
(3)
For best results, set the voltage to the middle of the appropriate voltage range.
The total gain of the amplifier can be determined using the following equations:
Total gain = Internal gain (dB) + BTL gain (dB), if outputs are bridge-tied.
Total gain = Internal gain (dB) + SE gain (dB), if outputs are single-ended.
9


유사한 부품 번호 - TPA6010A4PWPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6010A4PWPR TI-TPA6010A4PWPR Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
More results

유사한 설명 - TPA6010A4PWPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
National Semiconductor ...
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com