전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2222A 데이터시트(PDF) 3 Page - TT Electronics.

부품명 2N2222A
상세설명  Surface Mount Quad NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

2N2222A 데이터시트(HTML) 3 Page - TT Electronics.

  2N2222A Datasheet HTML 1Page - TT Electronics. 2N2222A Datasheet HTML 2Page - TT Electronics. 2N2222A Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Surface Mount Quad NPN
Transistor
2N6989U (TX, TXV)
Issue B
08/2016
Page 3
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
ON CHARACTERISTICS  
VCE (SAT)1 
Collector‐Emi er Satura on Voltage  
 
0.3 
IC = 150 mA, IB= 15 mA
(2) 
VCE (SAT)2 
Collector‐Emi er Satura on Voltage  
 
1.0 
IC = 500 mA, IB= 50 mA
(2) 
VCE (SAT)3 
Collector‐Emi er Satura on Voltage  
 
0.45 
IC = 150 mA, IB= 15 mA, TA = 150° C
(2) 
VBE(SAT) 1 
Base‐Emi er Satura on Voltage  
0.6 
1.2 
IC = 150 mA, IB= 15 mA
(2) 
VBE(SAT) 2 
Base‐Emi er Satura on Voltage  
 
2.0 
IC = 500 mA, IB= 50 mA
(2) 
VBE(SAT) 3 
Base‐Emi er Satura on Voltage  
 
1.4 
IC = 150 mA, IB= 15 mA, TA = 55° C
(2) 
SMALL‐SIGNAL CHARACTERISTICS 
| hfe|  
Magnitude of Small‐Signal Short‐Circuit 
Forward Current Transfer Ra o 
2.5 
8.0 ‐ 
VCE = 10 V, IC = 20 mA, f = 100 MHz 
 hfe  
Small Signal Short Circuit Forward Current 
Transfer Ra o 
50  
‐ 
VCE = 10 V, IC = 1 mA, f = 1 kHz 
Cobo 
Open Circuit Output Capacitance  
pF 
VCB = 10 V, IE = 0, 100 kHz ≤ f ≤ 1 MHZ 
Cibo 
Input Capacitance (Output Open)  
33 
pF 
VEB = 0.5 V, IC =0, 100 kHz ≤ f ≤ 1 MHZ 
SWITCHING CHARACTERISTICS 
ton 
Turn‐On Time  
35 
ns 
VCC =  30 V, IC = 150 mA, IB = 15 mA 
toff 
Turn‐Off Time  
300 
ns 
VCC = 30 V, IC = 150 mA, IB1 = IB2 = 15 mA  
TRANSISTOR TO TRANSISTOR ISOLATION 
Rt‐t 
Isola on Resistance 
10k  
MΩ 
Vt‐t = 500 V 
Note: 
1. Derate linearly 8.57 mW/°C above  
TA = 25°C  
2. Pulse Width  = 300 µs ±50, 1‐2% Duty Cycle 


유사한 부품 번호 - 2N2222A

제조업체부품명데이터시트상세설명
logo
First Components Intern...
2N2222A FCI-2N2222A Datasheet
73Kb / 2P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
logo
Comset Semiconductor
2N2222A COMSET-2N2222A Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results

유사한 설명 - 2N2222A

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
JANTX2N6989U OPTEK-JANTX2N6989U Datasheet
200Kb / 2P
   Surface Mount Quad NPN Transistor
logo
Central Semiconductor C...
MMPQ3904 CENTRAL-MMPQ3904 Datasheet
142Kb / 2P
   SURFACE MOUNT NPN SILICON QUAD TRANSISTOR
MMPQ2222A CENTRAL-MMPQ2222A Datasheet
140Kb / 2P
   SURFACE MOUNT NPN SILICON QUAD TRANSISTOR
logo
TT Electronics.
2N6987U TTELEC-2N6987U Datasheet
224Kb / 4P
   Surface Mount Quad PNP Transistor
2N46987U TTELEC-2N46987U Datasheet
224Kb / 4P
   Surface Mount Quad PNP Transistor
logo
Seme LAB
2N2907AQLCC20 SEME-LAB-2N2907AQLCC20 Datasheet
21Kb / 2P
   SURFACE MOUNT QUAD PNP TRANSISTOR
logo
Diodes Incorporated
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com