전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5PS-1 데이터시트(PDF) 1 Page - Mini-Circuits

부품명 AD5PS-1
상세설명  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

AD5PS-1 데이터시트(HTML) 1 Page - Mini-Circuits

  AD5PS-1 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L = 1-10 MHz
M = 10-200 MHz
U= 200-400 MHz
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 7.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
L
M
U
L
M
U
L
M
U
L
M
U
Typ. Min Typ. Min Typ. Min Typ. Max. Typ. Max. Typ. Max.
Max.
Max.
Max.
Max.
Max.
Max.
1-400
35
18
25
20
27
20
0.15
0.5
0.3
1.0
0.8
1.8
1
6
9
0.3
0.4
0.6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
5 Way-0° 50
1 to 400 MHz
Power Splitter/Combiner
Surface Mount
AD5PS-1+
Maximum Ratings
Pin Connections
SUM PORT
1
PORT 1
8
PORT 2
7
PORT 3
6
PORT 4
5
PORT 5
4
GROUND
2,3
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
0.5W max.
Internal Dissipation
0.4W max.
Outline Drawing
Electrical Specifications
REV. J
M151107
ED-7796/1
AD5PS-1+
HY/TD/CP/AM
150513
AD5PS-1+
TOTAL LOSS
7.0
7.4
7.8
8.2
8.6
9.0
0
50
100
150
200
250
300
350
400
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
S-5(dB)
AD5PS-1+
ISOLATION
0
10
20
30
40
50
60
0
50
100
150
200
250
300
350
400
FREQUENCY (MHz)
1-2(dB)
1-3(dB)
AD5PS-1+
VSWR
1.0
1.1
1.2
1.3
1.4
1.5
0
50
100
150
200
250
300
350
400
FREQUENCY (MHz)
#S-VSWR
#OUTPUTS-VSWR
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
electrical schematic
A
B
C
D
E
F
G
.397
.032
.385
.435
.310
.215
.100
10.08
0.81
9.78 11.05
7.87
5.46
2.54
H
J
K
L
M
N
P
wt
.015
.025
.035
.075
.120
.060
.420 grams
0.38
0.64
0.89
1.91
3.05
1.52 10.67
0.45
Features
• wideband, 1 to 400 MHz
• high isolation, 27 dB typ.
• good input port matching VSWR, 1.22 typ.
• good output port matching VSWR, 1.12 typ.
• small surface mount package
Applications
• VHF-TV
• aircraft communications
CASE STYLE: CJ725
Demo Board MCL P/N: TB-82
Suggested PCB Layout (PL-088)
Freq.
(MHz)
Total Loss1
(dB)
Amp.
Unbal.
(dB)
Isolation
(dB)
Phase
Unbal.
(deg.)
VSWR
S
VSWR
OUTPUTS
S-1
S-2
S-3
S-4
S-5
1-2
1-3
2-3
3-5
4-5
Outline Dimensions (
)
inch
mm
1.00
7.22
7.21
7.23
7.21
7.23
0.02
53.10
21.98
39.65
21.51 33.16
0.22
1.12
1.45
2.80
7.18
7.16
7.15
7.16
7.16
0.03
45.24
25.05
43.27
24.73 38.07
0.13
1.10
1.26
4.60
7.17
7.15
7.14
7.16
7.14
0.03
44.17
26.12
44.25
25.93 40.51
0.26
1.09
1.21
6.40
7.13
7.14
7.14
7.16
7.15
0.03
43.48
26.69
44.52
26.55
41.81
0.24
1.09
1.19
8.20
7.16
7.14
7.17
7.16
7.17
0.03
42.90
27.02
44.57
26.94 42.66
0.24
1.09
1.18
10.00
7.15
7.17
7.14
7.16
7.17
0.03
42.60
27.25
44.11
27.17
43.01
0.17
1.08
1.17
40.00
7.21
7.22
7.22
7.19
7.21
0.03
38.08
27.77
38.44
27.75
37.68
0.85
1.10
1.14
70.00
7.28
7.28
7.29
7.29
7.28
0.01
34.66
27.46
34.77
27.36 33.71
1.42
1.14
1.13
100.00
7.32
7.32
7.30
7.31
7.32
0.02
32.37
26.97
32.32
26.77
31.14
2.12
1.18
1.12
125.00
7.41
7.40
7.40
7.41
7.41
0.02
30.92
26.57
30.86
26.33 29.64
2.27
1.21
1.12
150.00
7.46
7.42
7.40
7.41
7.44
0.07
29.80
26.19
29.75
25.89 28.46
2.89
1.24
1.11
200.00
7.64
7.59
7.56
7.55
7.59
0.09
28.24
25.57
28.17
25.17
26.79
3.75
1.28
1.10
250.00
7.67
7.60
7.54
7.55
7.59
0.12
27.51
25.39
27.46
24.88 25.94
4.46
1.29
1.09
300.00
7.86
7.74
7.69
7.69
7.74
0.18
27.29
25.61
27.29
25.03 25.56
5.14
1.26
1.09
400.00
8.23
8.03
7.90
7.88
7.97
0.34
27.54
29.08
27.87
27.64 25.67
6.12
1.09
1.12
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 7dB splitter loss.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


유사한 부품 번호 - AD5PS-1

제조업체부품명데이터시트상세설명
logo
Microchip Technology
AD50 MICROCHIP-AD50 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Sensortechnics GmbH
AD500-10 SENSORTECHNICS-AD500-10 Datasheet
307Kb / 2P
   500 關m active area
AD500-12SMD SENSORTECHNICS-AD500-12SMD Datasheet
359Kb / 4P
   APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
   APD with 0.2 mm짼 active area
AD500-13G-TO5 SENSORTECHNICS-AD500-13G-TO5 Datasheet
584Kb / 3P
   횈 0.500 mm active area
More results

유사한 설명 - AD5PS-1

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com