전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB3EZ5.6D5 데이터시트(PDF) 3 Page - Micro Commercial Components

부품명 SMB3EZ5.6D5
상세설명  3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMB3EZ5.6D5 데이터시트(HTML) 3 Page - Micro Commercial Components

  SMB3EZ5.6D5 Datasheet HTML 1Page - Micro Commercial Components SMB3EZ5.6D5 Datasheet HTML 2Page - Micro Commercial Components SMB3EZ5.6D5 Datasheet HTML 3Page - Micro Commercial Components SMB3EZ5.6D5 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTICS CURVES
Revision: A
2015/12/05
www.mccsemi.com
3 of
4
Zener Voltage, Vz, (V)
Fig. 2 - Temperature Coefficients v.s. Zener Voltage
Lead Temperature ,TL ( )
Fig. 1 - Power Temperature Derating Curve
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
175
200
10
100
1000
0
40
80
120
160
200
Range
20
20
40
60
80
100
1000
Lead Length to Heatsink , L, (inches)
Fig. 3 - Typical Thermal Resistance v.s. Lead Length
Pulse Width, PW, (ms)
Fig. 4 - Maximum Surge Power
Time, t, (s)
Fig. 5 - Typical Thermal Response L, Lead Length=3/8inch
0
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
10
0.1
1
10
100
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
D=0.5
D=0.2
D=0.1
D=0.05
D=0.02
D=0.01
D=0
Note: Below 0.1 second, Thermal
response curve is applicable
to any lead length (L)
Single Pulse TJL= JL(t)PPK
Repetitive Pulse TJL= JL(t,D)PPK
Micro Commercial Components
M C C
TM


유사한 부품 번호 - SMB3EZ5.6D5

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMB3EZ5.6D5 SECOS-SMB3EZ5.6D5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
Anova Technologies CO.,...
SMB3EZ5.6D5 ANOVA-SMB3EZ5.6D5 Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
SMB3EZ5.6D5;3H6;SMB ANOVA-SMB3EZ5.6D5;3H6;SMB Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
More results

유사한 설명 - SMB3EZ5.6D5

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
3EZ75D5 MCC-3EZ75D5 Datasheet
525Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ24D5-TP MCC-3EZ24D5-TP Datasheet
402Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA3EZ270D5 MCC-SMA3EZ270D5 Datasheet
562Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 6.2-270 Volts
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA1EZ110D5HE3 MCC-SMA1EZ110D5HE3 Datasheet
389Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA2EZ75D5 MCC-SMA2EZ75D5 Datasheet
255Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ75D5 MCC-SMB2EZ75D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ10D5HE3 MCC-SMB2EZ10D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA1EZ110D5 MCC-SMA1EZ110D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com