전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZY9.1 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 ZY9.1
상세설명  Silicon 2.0 Watt Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ZY9.1 데이터시트(HTML) 2 Page - Micro Commercial Components

  ZY9.1 Datasheet HTML 1Page - Micro Commercial Components ZY9.1 Datasheet HTML 2Page - Micro Commercial Components ZY9.1 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZY5.1 THRU ZY51
Zener Voltage
Dynamic Resistance
Reverse Current
Z-current
VZ (V)
Test
Condition
rd (Ω)
Test
Condition
IR (μA)
Test
Condition
IZmax (mA)
@Ta=50℃
Type
Min
Max
IZ (mA)
Max
IZ (mA)
Max
VR (V)
Max
ZY5.1
4.8
5.4
100
5
100
2
1
333
ZY5.6
5.2
6.0
100
3
100
1
1
300
ZY6.2
5.8
6.6
100
2
100
1
1.5
273
ZY6.8
6.4
7.2
100
2
100
1
2
250
ZY7.5
7.0
7.9
100
2
100
1
2
228
ZY8.2
7.7
8.7
100
2
100
1
3.5
207
ZY9.1
8.5
9.6
50
4
50
1
3.5
188
ZY10
9.4
10.6
50
4
50
1
5
170
ZY11
10.4
11.6
50
6
50
1
5
155
ZY12
11.4
12.7
50
7
50
1
7
142
ZY13
12.4
14.1
50
9
50
1
7
128
ZY15
13.8
15.6
50
10
50
1
10
115
ZY16
15.3
17.1
25
12
25
1
10
105
ZY18
16.8
19.1
25
15
25
1
10
94
ZY20
18.8
21.2
25
15
25
1
10
85
ZY22
20.8
23.3
25
15
25
1
12
77
ZY24
22.8
25.6
25
15
25
1
12
70
ZY27
25.1
28.9
25
15
25
1
14
62
ZY30
28
32
25
15
25
1
14
56
ZY33
31
35
25
15
25
1
17
51
ZY36
34
38
10
30
10
1
17
47
ZY39
37
41
10
40
10
1
20
44
ZY43
40
46
10
40
10
1
20
39
ZY47
44
50
10
40
10
1
24
36
ZY51
48
54
10
60
10
1
24
33
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision: 7
2008/01/30
2 of 3


유사한 부품 번호 - ZY9.1

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
ZY9.1 DIOTEC-ZY9.1 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Continental Device Indi...
ZY9.1 CDIL-ZY9.1 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
EIC discrete Semiconduc...
ZY9.1 EIC-ZY9.1 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY9.1 VISHAY-ZY9.1 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZY9.1 DIOTEC-ZY9.1 Datasheet
90Kb / 2P
   Silicon-Power-Zener Diodes
More results

유사한 설명 - ZY9.1

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
SMBG5913B MICROSEMI-SMBG5913B Datasheet
471Kb / 5P
   SILICON 2.0 Watt ZENER DIODES
Rev. 1
SMBJ4742 MICROSEMI-SMBJ4742 Datasheet
197Kb / 3P
   SILICON 2.0 Watt ZENER DIODES
logo
Continental Device Indi...
ZY75 CDIL-ZY75 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com