전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TZX9V1 데이터시트(PDF) 3 Page - Micro Commercial Components

부품명 TZX9V1
상세설명  500mW Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TZX9V1 데이터시트(HTML) 3 Page - Micro Commercial Components

  TZX9V1 Datasheet HTML 1Page - Micro Commercial Components TZX9V1 Datasheet HTML 2Page - Micro Commercial Components TZX9V1 Datasheet HTML 3Page - Micro Commercial Components TZX9V1 Datasheet HTML 4Page - Micro Commercial Components TZX9V1 Datasheet HTML 5Page - Micro Commercial Components TZX9V1 Datasheet HTML 6Page - Micro Commercial Components TZX9V1 Datasheet HTML 7Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision:
A
20
11/01/01
3 of 7
TZX2V4 THRU TZX36
Type
VZmin.
VZmax.
Type
VZmin.
VZmax.
rZmax.
at IZ
IRmax.
at VR
(V)
(V)
(V)
(V)
(
W)
(mA)
(
mA)
(V)
TZX7V5
7.0
7.9
TZX7V5C
7.3
7.7
15
5
1
5.0
TZX7V5
7.0
7.9
TZX7V5D
7.5
7.9
15
5
1
5.0
TZX8V2
7.7
8.7
TZX8V2A
7.7
8.1
20
5
1
6.2
TZX8V2
7.7
8.7
TZX8V2B
7.9
8.3
20
5
1
6.2
TZX8V2
7.7
8.7
TZX8V2C
8.1
8.5
20
5
1
6.2
TZX8V2
7.7
8.7
TZX8V2D
8.3
8.7
20
5
1
6.2
TZX9V1
8.5
9.7
TZX9V1A
8.5
8.9
20
5
1
6.8
TZX9V1
8.5
9.7
TZX9V1B
8.7
9.1
20
5
1
6.8
TZX9V1
8.5
9.7
TZX9V1C
8.9
9.3
20
5
1
6.8
TZX9V1
8.5
9.7
TZX9V1D
9.1
9.5
20
5
1
6.8
TZX9V1
8.5
9.7
TZX9V1E
9.3
9.7
20
5
1
6.8
TZX10
9.5
10.6
TZX10A
9.5
9.9
25
5
1
7.5
TZX10
9.5
10.6
TZX10B
9.7
10.1
25
5
1
7.5
TZX10
9.5
10.6
TZX10C
9.9
10.3
25
5
1
7.5
TZX10
9.5
10.6
TZX10D
10.2
10.6
25
5
1
7.5
TZX11
10.4
11.6
TZX11A
10.4
10.8
25
5
1
8.2
TZX11
10.4
11.6
TZX11B
10.7
11.1
25
5
1
8.2
TZX11
10.4
11.6
TZX11C
10.9
11.3
25
5
1
8.2
TZX11
10.4
11.6
TZX11D
11.1
11.6
25
5
1
8.2
TZX12
11.4
12.7
TZX12A
11.4
11.9
35
5
1
9.5
TZX12
11.4
12.7
TZX12B
11.6
12.1
35
5
1
9.5
TZX12
11.4
12.7
TZX12C
11.9
12.4
35
5
1
9.5
TZX12
11.4
12.7
TZX12D
12.2
12.7
35
5
1
9.5
TZX13
12.4
13.4
TZX13A
12.4
12.9
35
5
1
10
TZX13
12.4
13.4
TZX13B
12.6
13.1
35
5
1
10
TZX13
12.4
13.4
TZX13C
12.9
13.4
35
5
1
10
TZX14
13.2
14.3
TZX14A
13.2
13.7
35
5
1
11
TZX14
13.2
14.3
TZX14B
13.5
14.0
35
5
1
11
TZX14
13.2
14.3
TZX14C
13.8
14.3
35
5
1
11
TZX15
14.1
15.5
TZX15A
14.1
14.7
40
5
1
11.5
TZX15
14.1
15.5
TZX15B
14.5
15.1
40
5
1
11.5
TZX15
14.1
15.5
TZX15C
14.9
15.5
40
5
1
11.5
TZX16
15.3
17.1
TZX16A
15.3
15.9
45
5
1
12
TZX16
15.3
17.1
TZX16B
15.7
16.5
45
5
1
12
TZX16
15.3
17.1
TZX16C
16.3
17.1
45
5
1
12
TZX18
16.9
19.0
TZX18A
16.9
17.7
55
5
1
13
TZX18
16.9
19.0
TZX18B
17.5
18.3
55
5
1
13
TZX18
16.9
19.0
TZX18C
18.1
19.0
55
5
1
13
TZX20
18.8
21.2
TZX20A
18.8
19.7
60
2
1
15
TZX20
18.8
21.2
TZX20B
19.5
20.4
60
2
1
15
TZX20
18.8
21.2
TZX20C
20.2
21.2
60
2
1
15
TZX22
20.9
23.3
TZX22A
20.9
21.9
65
2
1
17
TZX22
20.9
23.3
TZX22B
21.6
22.6
65
2
1
17
TZX22
20.9
23.3
TZX22C
22.3
23.3
65
2
1
17
TZX24
22.9
25.5
TZX24A
22.9
24.0
70
2
1
19
TZX24
22.9
25.5
TZX24B
23.6
24.7
70
2
1
19


유사한 부품 번호 - TZX9V1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TZX9V1 VISHAY-TZX9V1 Datasheet
95Kb / 7P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Diodes Incorporated
TZX9V1 DIODES-TZX9V1 Datasheet
67Kb / 4P
   500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Vishay Siliconix
TZX9V1A VISHAY-TZX9V1A Datasheet
95Kb / 7P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Diodes Incorporated
TZX9V1A DIODES-TZX9V1A Datasheet
67Kb / 4P
   500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Vishay Siliconix
TZX9V1A VISHAY-TZX9V1A Datasheet
139Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Mar-07
More results

유사한 설명 - TZX9V1

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com