전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TZX9V1 데이터시트(PDF) 4 Page - Micro Commercial Components

부품명 TZX9V1
상세설명  500mW Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TZX9V1 데이터시트(HTML) 4 Page - Micro Commercial Components

  TZX9V1 Datasheet HTML 1Page - Micro Commercial Components TZX9V1 Datasheet HTML 2Page - Micro Commercial Components TZX9V1 Datasheet HTML 3Page - Micro Commercial Components TZX9V1 Datasheet HTML 4Page - Micro Commercial Components TZX9V1 Datasheet HTML 5Page - Micro Commercial Components TZX9V1 Datasheet HTML 6Page - Micro Commercial Components TZX9V1 Datasheet HTML 7Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics (Tj = 25_C unless otherwise specified)
95 9611
0
5
10
15
0
100
200
300
400
500
20
l – Lead Length ( mm )
ll
TL=constant
Figure 1. Thermal Resistance vs. Lead Length
0
40
80
120
160
0
100
300
400
500
600
Tamb – Ambient Temperature ( °C )
200
95 9602
200
Figure 2. Total Power Dissipation vs.
Ambient Temperature
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision:
A
20
11/01/01
4 of 7
TZX2V4 THRU TZX36
Type
VZmin.
VZmax.
Type
VZmin.
VZmax.
rZmax.
at IZ
IRmax.
at VR
(V)
(V)
(V)
(V)
(
W)
(mA)
(
mA)
(V)
TZX24
22.9
25.5
TZX24C
24.3
25.5
70
2
1
19
TZX27
25.2
28.6
TZX27A
25.2
26.6
80
2
1
21
TZX27
25.2
28.6
TZX27B
26.2
27.6
80
2
1
21
TZX27
25.2
28.6
TZX27C
27.2
28.6
80
2
1
21
TZX30
28.2
31.6
TZX30A
28.2
29.6
100
2
1
23
TZX30
28.2
31.6
TZX30B
29.2
30.6
100
2
1
23
TZX30
28.2
31.6
TZX30C
30.2
31.6
100
2
1
23
TZX33
31.2
34.5
TZX33A
31.2
32.6
120
2
1
25
TZX33
31.2
34.5
TZX33B
32.2
33.6
120
2
1
25
TZX33
31.2
34.5
TZX33C
33.2
34.5
120
2
1
25
TZX36
34.2
38.0
TZX36A
34.2
35.7
140
2
1
27
TZX36
34.2
38.0
TZX36B
35.3
36.8
140
2
1
27
TZX36
34.2
38.0
TZX36C
36.4
38.0
140
2
1
27


유사한 부품 번호 - TZX9V1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TZX9V1 VISHAY-TZX9V1 Datasheet
95Kb / 7P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Diodes Incorporated
TZX9V1 DIODES-TZX9V1 Datasheet
67Kb / 4P
   500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Vishay Siliconix
TZX9V1A VISHAY-TZX9V1A Datasheet
95Kb / 7P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Diodes Incorporated
TZX9V1A DIODES-TZX9V1A Datasheet
67Kb / 4P
   500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Vishay Siliconix
TZX9V1A VISHAY-TZX9V1A Datasheet
139Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Mar-07
More results

유사한 설명 - TZX9V1

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com