전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP1304-011 데이터시트(PDF) 1 Page - Alpha Industries

부품명 SMP1304-011
상세설명  Low Distortion Attenuator Plastic Packaged PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPHA [Alpha Industries]
홈페이지  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1304-011 데이터시트(HTML) 1 Page - Alpha Industries

  SMP1304-011 Datasheet HTML 1Page - Alpha Industries SMP1304-011 Datasheet HTML 2Page - Alpha Industries SMP1304-011 Datasheet HTML 3Page - Alpha Industries SMP1304-011 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
Low Distortion Attenuator
Plastic Packaged PIN Diodes
Features
s Low Distortion Design
s Frequency Range from HF to > 2 GHz
s Designed for Base Station Applications
s Configured for PI and TEE Attenuators
Description
The SMP1304 series of plastic packaged, surface
mountable, low capacitance (0.3 pF) silicon PIN diodes
are designed for use in attenuator applications from 5 MHz
to beyond 2 GHz. The thick 100
µm I region of these PIN
diodes makes them very attractive for use in low distortion
PI and TEE attenuators commonly used in TV distribution
applications. The 1
µS typical carrier lifetime of these
diodes results in resistance of 20
Ω maximum at 1 mA and
7
Ω maximum at 10 mA. Available in a selection of plastic
packages: as a single diode in the small footprint
SOD-323 package and in a variety of configurations in the
SOT-23 package, including a low inductance (0.4 nH)
SMP1304-007 package. Also available in the SOT-143
package are three diode junctions designed for insertion
in TEE attenuators (SMP1304-018) and PI attenuators
(SMP1304-019). Also available in a SOT-5 (SMP1304-027)
package as a four diode array designed for insertion in the
commonly used 4 diode PI attenuator circuit.
SMP1304 Series
Characteristic
Value
Reverse Voltage (VR)
200 V
Power Dissipation @ 25°C Lead
250 mW
Temperature (PD)
Storage Temperature (TST)
-65°C to +150°C
Operating Temperature (TOP)
-65°C to +150°C
ESD Human Body Model
Class 1C
Absolute Maximum Ratings
o Available through distribution.
Single
Common
Series Pair
Low
Single
PI
PI
Cathode
Inductance
Marking: PG1
Marking: PG3
Marking: PG2
Marking: PGB
Marking: PGJ
Marking: PGM
SOT-23
SOT-23
SOT-23
SOT-23
SOD-323
SOT-143
SOT-5
o
SMP1304-001
o
SMP1304-004
o
SMP1304-005
o
SMP1304-007
o
SMP1304-011
o
SMP1304-019
o
SMP1304-027
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.4 nH
LS = 1.5 nH
o Available through distribution.


유사한 부품 번호 - SMP1304-011

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMP1304-005 SKYWORKS-SMP1304-005 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-005LF SKYWORKS-SMP1304-005LF Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-006LF SKYWORKS-SMP1304-006LF Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-027 SKYWORKS-SMP1304-027 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-027LF SKYWORKS-SMP1304-027LF Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
More results

유사한 설명 - SMP1304-011

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com