전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD713JR-16-REEL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD713JR-16-REEL7
상세설명  Precision, High Speed, BiFET Quad Op Amp
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD713JR-16-REEL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD713JR-16-REEL7 Datasheet HTML 6Page - Analog Devices AD713JR-16-REEL7 Datasheet HTML 7Page - Analog Devices AD713JR-16-REEL7 Datasheet HTML 8Page - Analog Devices AD713JR-16-REEL7 Datasheet HTML 9Page - Analog Devices AD713JR-16-REEL7 Datasheet HTML 10Page - Analog Devices AD713JR-16-REEL7 Datasheet HTML 11Page - Analog Devices AD713JR-16-REEL7 Datasheet HTML 12Page - Analog Devices AD713JR-16-REEL7 Datasheet HTML 13Page - Analog Devices AD713JR-16-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD713
Rev. F | Page 9 of 20
–70
–80
–90
1 TO 4
1 TO 2
1 TO 3
–100
–110
–120
–130
–140
10
100
1k
10k
100k
FREQUENCY (Hz)
1
2
3
4
14
13
12
11
5
10
6
9
7
8
1
2
4
3
Figure 21. Crosstalk vs. Frequency (see Figure 26 for Test Circuit)
••• •
••• •
• • • •
• •• •
••• •
••• •
••• •
••• •
••• •
••• •
••• •
••• •
• • • •
• •• •
••• •
••• •
••• •
••• •
••• •
••• •
100
90
10
0%
5V
1µs
Figure 22. Unity Gain Follower Pulse Response—Large Signal (see Figure 27
for Test Circuit)
••• •
• • • •
• • • •
••• •
• • • •
••• •
••• •
••• •
••• •
••• •
••• •
• • • •
• • • •
••• •
• • • •
••• •
••• •
••• •
••• •
••• •
100
90
10
0%
50mV
100ns
Figure 23. Unity Gain Follower Pulse Response—Small Signal (see Figure 27)
••• •
• • • •
• • • •
••• •
• • • •
••• •
••• •
••• •
••• •
••• •
••• •
• • • •
• • • •
••• •
• • • •
••• •
••• •
••• •
••• •
••• •
100
90
10
0%
5V
1µs
Figure 24. Unity Gain Inverter Pulse Response—Small Signal (see Figure 28)
•• • •
• • • •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
•• • •
• • • •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
• •• •
100
90
10
0%
50mV
200ns
Figure 25. Unity Gain Inverter Pulse Response—Small Signal (see Figure 28)


유사한 부품 번호 - AD713JR-16-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD713JR-16-REEL7 AD-AD713JR-16-REEL7 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD713JR-16-REEL7 AD-AD713JR-16-REEL7 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16-REEL7 AD-AD713JR-16-REEL7 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16-REEL7 AD-AD713JR-16-REEL7 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16-REEL7 AD-AD713JR-16-REEL7 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
More results

유사한 설명 - AD713JR-16-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR AD-AD713JR Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ16 AD-AD713JRZ16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_15 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_11 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com