전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8041AR-REEL7 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8041AR-REEL7
상세설명  160 MHz Rail-to-Rail Amplifier with Disable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8041AR-REEL7 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8041AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8041AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8041AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8041AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8041AR-REEL7 Datasheet HTML 9Page - Analog Devices AD8041AR-REEL7 Datasheet HTML 10Page - Analog Devices AD8041AR-REEL7 Datasheet HTML 11Page - Analog Devices AD8041AR-REEL7 Datasheet HTML 12Page - Analog Devices AD8041AR-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
REV. B
AD8041
–7–
FREQUENCY (Hz)
200
150
0
100
50
10
100k
100
1k
10k
TPC 7. Input Voltage Noise vs. Frequency
FUNDAMENTAL FREQUENCY (MHz)
–30
–40
–100
110
2
–60
–70
–80
–90
–50
34
5
6
7
8
9
VS = 3V, AV = –1,
RL = 100
TO 1.5V
VS = 5V, AV = 1,
RL = 1k
TO 2.5V
VS = 5V, AV = 2,
RL = 100
TO 2.5V
VS = 5V, AV = 2,
RL = 1k
TO 2.5V
VS = 5V, AV = 1,
RL = 100
TO 2.5V
TPC 8. Total Harmonic Distortion
OUTPUT VOLTAGE (VP-P)
0
1.5
0.5
1
2
2.5
3
3.5
4
4.5
5
–140
–30
–40
–50
–70
–100
–80
–90
–60
–110
–120
–130
10MHz
5MHz
1MHz
VS = 5V
RL = 2k
TO 2.5V
G = +2
TPC 9. Worst Harmonic vs. Output Voltage
11th
1st
6th
2nd
3rd
4th
5th
7th
8th
9th 10th
–0.005
0.015
0.005
0.025
0.020
0.010
0.000
0.030
–0.010
0.035
VS = 5V
G = +2
RL = 150
TO 2.5V
11th
1st
6th
2nd
3rd
4th
5th
7th
8th
9th 10th
VS = 5V
G = +2
RL = 150
–0.005
0.015
0.005
0.025
0.020
0.010
0.000
0.030
–0.010
0.035
VS = 5V
G = +2
RL = 150
TO 2.5V
VS = 5V
G = +2
RL = 150
DC OUTPUT LEVEL (100 IRE MAX)
TPC 10. Differential Gain and Phase Errors
FREQUENCY (MHz)
6.5
6.4
5.5
6.3
6.2
6.1
6.0
5.9
5.8
5.7
5.6
1
500
10
100
32.4MHz
VS = 5V
G = +2
RL = 150
TO 2.5V
RF = 402
TPC 11. 0.1 dB Gain Flatness
–10
40
30
60
0
50
10
20
80
90
70
–180
0
–90
90
180
270
360
450
–270
–360
–450
500
0.1
0.01
100
10
FREQUENCY (MHz)
VS = 5V
RL = 2k TO 2.5V
CL = 5pF TO 2.5V
PHASE
GAIN
TPC 12. Open-Loop Gain and Phase vs. Frequency


유사한 부품 번호 - AD8041AR-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8041AR-REEL7 AD-AD8041AR-REEL7 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
More results

유사한 설명 - AD8041AR-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
logo
Texas Instruments
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com