전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB010P04H8-0-T6-G 데이터시트(PDF) 10 Page - Cystech Electonics Corp.

부품명 MTB010P04H8-0-T6-G
상세설명  P-Channel Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB010P04H8-0-T6-G 데이터시트(HTML) 10 Page - Cystech Electonics Corp.

Back Button MTB010P04H8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB010P04H8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB010P04H8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB010P04H8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB010P04H8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB010P04H8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB010P04H8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. MTB010P04H8-0-T6-G Datasheet HTML 10Page - Cystech Electonics Corp. MTB010P04H8-0-T6-G Datasheet HTML 11Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C030H8
Issued Date : 2018.01.26
Revised Date :
Page No. : 10/ 11
MTB010P04H8
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note :1. All temperatures refer to topside of the package, measured on the package body surface.
2.For devices mounted on FR-4 PCB of 1.6mm or equivalent grade PCB. If other grade PCB is used, care
should be taken to match the coefficients of thermal expansion between components and PCB. If they are
not matched well, the solder joints may crack or the bodies of the parts may crack or shatter as the assembly
cools.


유사한 부품 번호 - MTB010P04H8-0-T6-G

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB010P04Q8 CYSTEKEC-MTB010P04Q8 Datasheet
446Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB010P04Q8-0-T3-G CYSTEKEC-MTB010P04Q8-0-T3-G Datasheet
446Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB010P04H8-0-T6-G

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com