전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC58FVB321XB-70 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TC58FVB321XB-70
상세설명  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVB321XB-70 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TC58FVB321XB-70 Datasheet HTML 4Page - Toshiba Semiconductor TC58FVB321XB-70 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVB321XB-70 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVB321XB-70 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVB321XB-70 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVB321XB-70 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVB321XB-70 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVB321XB-70 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVB321XB-70 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
TC58FVT321/B321FT/XB-70,-10
2002-08-06
8/48
Command Write
The TC58FVT321/B321 uses the standard JEDEC control commands for a single-power supply E2PROM. A
Command Write is executed by inputting the address and data into the Command Register. The command is
written by inputting a pulse to WE with CE = VIL and OE = VIH ( WE control). The command can also be
written by inputting a pulse to CE with WE = VIL ( CE control). The address is latched on the falling edge of
either WE or CE . The data is latched on the rising edge of either WE or CE . DQ0~DQ7 are valid for data
input and DQ8~DQ15 are ignored.
To abort input of the command sequence use the Reset command. The device will reset the Command Register
and enter Read Mode. If an undefined command is input, the Command Register will be reset and the device will
enter Read Mode.
Software Reset
Apply a software reset by inputting a Read/Reset command. A software reset returns the device from ID Read
Mode or CFI Mode to Read Mode, releases the lock state if automatic operation has ended abnormally, and clears
the Command Register.
Hardware Reset
A hardware reset initializes the device and sets it to Read Mode. When a pulse is input to RESET for tRP, the
device abandons the operation which is in progress and enters Read Mode after tREADY. Note that if a hardware
reset is applied during data overwriting, such as a Write or Erase operation, data at the address or block being
written to at the time of the reset will become undefined.
After a hardware reset the device enters Read Mode if RESET = VIH or Standby Mode if RESET = VIL. The
DQ pins are High-Impedance when RESET = VIL. After the device has entered Read Mode, Read operations
and input of any command are allowed.
Comparison between Software Reset and Hardware Reset
ACTION
SOFTWARE RESET
HARDWARE RESET
Releases ID Read Mode or CFI Mode.
True
True
Clears the Command Register.
True
True
Releases the lock state if automatic operation has ended abnormally.
True
True
Stops any automatic operation which is in progress.
False
True
Stops any operation other than the above and returns the device to
Read Mode.
False
True
/Word Mode
BYTE is used select Word Mode (16 bits) or Byte Mode (8 bits) for the TC58FVT321/B321. If VIH is input to
BYTE , the device will operate in Word Mode. Read data or write commands using DQ0~DQ15. When VIL is
input to BYTE , read data or write commands using DQ0~DQ7. DQ15/A-1 is used as the lowest address.
DQ8~DQ14 will become High-Impedance.
BYTE


유사한 부품 번호 - TC58FVB321XB-70

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVB321 TOSHIBA-TC58FVB321 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
More results

유사한 설명 - TC58FVB321XB-70

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVT160 TOSHIBA-TC58FVT160 Datasheet
1Mb / 29P
   16-MBIT (2M x 8 BITS/1M x 16 BITS) CMOS FLASH MIMORY
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC5832FT TOSHIBA-TC5832FT Datasheet
1Mb / 38P
   32 MBIT (4M X 8 BITS) CMOS NAND E2PROM
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com