전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OVTL09LG3X 데이터시트(PDF) 14 Page - TT Electronics.

부품명 OVTL09LG3X
상세설명  Lednium Series Optimal X
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL09LG3X 데이터시트(HTML) 14 Page - TT Electronics.

Back Button OVTL09LG3X Datasheet HTML 6Page - TT Electronics. OVTL09LG3X Datasheet HTML 7Page - TT Electronics. OVTL09LG3X Datasheet HTML 8Page - TT Electronics. OVTL09LG3X Datasheet HTML 9Page - TT Electronics. OVTL09LG3X Datasheet HTML 10Page - TT Electronics. OVTL09LG3X Datasheet HTML 11Page - TT Electronics. OVTL09LG3X Datasheet HTML 12Page - TT Electronics. OVTL09LG3X Datasheet HTML 13Page - TT Electronics. OVTL09LG3X Datasheet HTML 14Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Issue B.2 07/08
Page 14 of 14
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Lednium Series Optimal X
OVTL09LG3x Series
Measurement
Instrument: IR Thermometer
Auto ranging: -100 to 1200oC
Spot size 3mm D.
Focus 25.4mm
Optimal I Product
Input 350mA at 3.3V(1watt)
Averaged Test Results
Tj
Tb
δT
Rth
32
30.2
1.8
1.8
oC/W
Optimal X Product
Input 1050mA at 10.2V(10.7watts)
Averaged Test Results
Tj
Tb
δT
Rth
89
62
27
2.52°C/W


유사한 부품 번호 - OVTL09LG3X

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3B OPTEK-OVTL09LG3B Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3G OPTEK-OVTL09LG3G Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3M OPTEK-OVTL09LG3M Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3R OPTEK-OVTL09LG3R Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
More results

유사한 설명 - OVTL09LG3X

제조업체부품명데이터시트상세설명
logo
TT Electronics.
OVTL01LGAX TTELEC-OVTL01LGAX Datasheet
751Kb / 10P
   Lednium Series Optimal I
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
   10-Watt Lednium SMD Series
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
   Optimal cooling performance.
logo
P-tec Corporation
PLBT5E-WCY06-DP1 P-TEC-PLBT5E-WCY06-DP1 Datasheet
383Kb / 5P
   Optimal Optical/Mechanical Design
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-07-07
logo
List of Unclassifed Man...
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
   Optimal cooling performance
logo
Advanced Power Electron...
AP9922AGEO-HF A-POWER-AP9922AGEO-HF_14 Datasheet
57Kb / 4P
   Optimal DC/DC Battery Application
logo
TT Electronics.
OV14ZXX-Y TTELEC-OV14ZXX-Y Datasheet
816Kb / 6P
   Optimal XIV Star Series White, Multi-LED
logo
Taoglas antenna solutio...
TG.09.0113W TAOGLAS-TG.09.0113W Datasheet
8Mb / 37P
   Rotatable hinge design for optimal reception
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com