전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46108 데이터시트(PDF) 16 Page - Dialog Semiconductor

부품명 SLG46108
상세설명  GreenPAK Ultra-small Programmable Mixed-signal Matrix
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46108 데이터시트(HTML) 16 Page - Dialog Semiconductor

Back Button SLG46108 Datasheet HTML 12Page - Dialog Semiconductor SLG46108 Datasheet HTML 13Page - Dialog Semiconductor SLG46108 Datasheet HTML 14Page - Dialog Semiconductor SLG46108 Datasheet HTML 15Page - Dialog Semiconductor SLG46108 Datasheet HTML 16Page - Dialog Semiconductor SLG46108 Datasheet HTML 17Page - Dialog Semiconductor SLG46108 Datasheet HTML 18Page - Dialog Semiconductor SLG46108 Datasheet HTML 19Page - Dialog Semiconductor SLG46108 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
000-0046108-108
Page 15 of 69
SLG46108
5.10.2 2 MHz RC Oscillator
5.10.3 OSC Power On Delay
Table 8. 2 MHz RC OSC frequency limits
Power Supply Range
(VDD), V
Temperature Range
+25 °C
0 °C ... +85 °C
-40 °C ... +85 °C
Min., MHz
Max. MHz
Min., MHz
Max. MHz
Min., MHz
Max. MHz
1.8 V ±5%
1.906
2.068
1.826
2.122
1.762
2.212
3.3 V ±10%
1.937
2.065
1.845
2.140
1.747
2.191
5 V ±10%
1.878
2.267
1.815
2.295
1.691
2.295
2.5 V - 4.5 V
1.873
2.114
1.786
2.187
1.741
2.191
1.71 V….5.5 V
1.690
2.377
1.623
2.394
1.623
2.394
Table 9. 2 MHz RC OSC frequency error (error calculated relative to nominal value)
Power Supply Range
(VDD), V
Temperature Range
+25 °C
0 °C ... +85 °C
-40 °C ... +85 °C
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
1.8 V ±5%
-4.71%
3.38%
-8.67%
6.10%
-11.90%
10.61%
3.3 V ±10%
-3.15%
3.26%
-7.74%
7.02%
-12.66%
9.56%
5 V ±10%
-6.10%
13.35%
-9.23%
14.73%
-15.45%
14.73%
2.5 V - 4.5 V
-6.36%
5.73%
-10.70%
9.37%
-12.95%
9.56%
1.71 V….5.5 V
-15.50%
18.84%
-18.85%
19.72%
-18.85%
19.72%
Table 10. Oscillators Power On delay at room temperature, RC OSC power setting, "Auto Power On"
Power
Supply
Range
(VDD), V
2 MHz
2 MHz Fast start-up mode
25 kHz
25 kHz Fast start-up mode
Typ., ns
Max., ns
Typ., ns
Max., ns
Typ., µs
Max., µs
Typ., µs
Max., µs
1.71
108
376.4
60
306.7
0.14
41.10
0.43
41.33
1.80
95
351.6
53
291.3
0.12
41.31
0.41
41.23
1.89
83
332.0
46
278.5
0.11
41.04
0.40
41.18
2.30
53
279.0
30
244.0
0.07
41.18
0.34
41.28
2.50
44
265.1
24
234.9
0.06
41.12
0.33
40.93
2.70
38
254.3
21
227.9
0.05
41.24
2.78
41.17
3.00
31
243.5
17
220.5
0.04
41.30
8.73
41.06
3.30
26
235.8
14
215.4
0.04
41.31
11.30
41.19
3.60
23
230.5
13
211.8
0.03
41.19
16.55
41.40
4.20
16
224.3
7
207.8
0.02
41.27
19.65
41.31
4.50
14
223.1
5
206.9
0.41
41.27
19.64
41.20
5.00
12
230.1
5
211.3
1.25
41.25
19.60
41.19
5.50
10
228.1
4
212.0
1.32
41.25
19.54
40.99


유사한 부품 번호 - SLG46108

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46108 RENESAS-SLG46108 Datasheet
1Mb / 72P
   Ultra-small Programmable Mixed-signal Matrix
March 9, 2023
More results

유사한 설명 - SLG46108

제조업체부품명데이터시트상세설명
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com