전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46140 데이터시트(PDF) 39 Page - Dialog Semiconductor

부품명 SLG46140
상세설명  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 데이터시트(HTML) 39 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 35Page - Dialog Semiconductor SLG46140 Datasheet HTML 36Page - Dialog Semiconductor SLG46140 Datasheet HTML 37Page - Dialog Semiconductor SLG46140 Datasheet HTML 38Page - Dialog Semiconductor SLG46140 Datasheet HTML 39Page - Dialog Semiconductor SLG46140 Datasheet HTML 40Page - Dialog Semiconductor SLG46140 Datasheet HTML 41Page - Dialog Semiconductor SLG46140 Datasheet HTML 42Page - Dialog Semiconductor SLG46140 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 170 page
background image
000-0046140-109
Page 38 of 169
SLG46140
7.0 I/O Pins
The SLG46140 has a total of 12 general purpose I/O pins (GPIO) which can be configured as either Input or Output, some with
special functions (such as outputting the Vref), or serving as a signal for programming of the on-chip NVM.
Normal Mode pin definitions are as follows:
• Pin 1: VDD Power Supply
• Pin 2: General Purpose Input (GPI)
• Pin 3: GPIO with Output Enable (OE)
• Pin 4: GPIO with OE, ACMP0(-) Input, PGA Output
• Pin 5: GPIO with OE, ACMP1(-) Input
• Pin 6: GPIO without OE, PGA(+)
• Pin 7: GPIO with OE, PGA(-)
• Pin 8: GND
• Pin 9: GPIO with OE, 4x Drive Output, ACMP1(+) Input
• Pin 10: GPIO, 4x Drive Output, ACMP0(+) Input
• Pin 11: GPIO, ADC Channel Select
• Pin 12: GPIO with OE
• Pin 13: GPIO with OE
• Pin 14: GPIO with OE
Programming Mode pin definitions are as follows:
• Pin 1: VDD Power Supply
• Pin 2: VPP Programming Voltage
• Pin 3: RTSB
• Pin 10: Programming Mode Control
• Pin 11: Programming ID
• Pin 12: Programming SDIO
• Pin 13: Programming SRDWB
• Pin 14: Programming SCL
7.1 Input Modes
Digital Input
Each GPI, GPIO pin can be configured as a:
• Digital input with/without buffered Schmitt Trigger
• Low Voltage Digital Input (LVDI)
Pin 2 can function as a RESET pin
Analog Input
• Pin 3 can function as an analog input for the ADC Vref
• Pins 4, 5, 9, 10 can function as analog inputs for the ACMPs
• Pins 6 and 7 can function as analog input for PGA(+) and PGA(-), respectively
7.2 Output Modes
Pins 3, 4, 5, 9, 12, 13, and 14 can be configured as a digital output with 1x/2x push pull, 1x/2x Open Drain NMOS, or 1x/2x 3-state
output with output enable.


유사한 부품 번호 - SLG46140

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

유사한 설명 - SLG46140

제조업체부품명데이터시트상세설명
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com