전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46140 데이터시트(PDF) 87 Page - Dialog Semiconductor

부품명 SLG46140
상세설명  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 데이터시트(HTML) 87 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 83Page - Dialog Semiconductor SLG46140 Datasheet HTML 84Page - Dialog Semiconductor SLG46140 Datasheet HTML 85Page - Dialog Semiconductor SLG46140 Datasheet HTML 86Page - Dialog Semiconductor SLG46140 Datasheet HTML 87Page - Dialog Semiconductor SLG46140 Datasheet HTML 88Page - Dialog Semiconductor SLG46140 Datasheet HTML 89Page - Dialog Semiconductor SLG46140 Datasheet HTML 90Page - Dialog Semiconductor SLG46140 Datasheet HTML 91Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 170 page
background image
000-0046140-109
Page 86 of 169
SLG46140
12.4.1 3-Bit LUT or 8-Bit Counter / Delay Macrocells Used as 3-Bit LUT
Each Macrocell, when programmed for a LUT function, uses a 8-bit register to define their output function:
3-Bit LUT7 is defined by reg<668:661>
12.4.2 3-Bit LUT or as 8-Bit Counter / Delay Register Settings
Table 58. CNT/DLY2 Register Settings
Signal Function
Register Bit
Address
Register Definition
Counter/delay/FSM
Control Data
reg <668:661>
1 – 256 (delay time = (counter control data +2.5) /freq)
Counter/delay/FSMQ
mode
reg <669>
0: Reset to 0s
1: Set to Data
Counter/delay/FSM
Clock Source Select
reg <673:670>
0000: CK_RCOSC
0001: CK_RCOSC_DIV4
0010: CK_RCOSC_DIV12
0011: CK_RCOSC_DIV24
0100: CK_RCOSC_DIV64
0101: CNT_END2
0110: matrix_out67
0111: matrix_out67 divide by 8
1000: CK_RINGOSC
1001: matrix_out80(SPI_SCLK)
1010: CK_LFOSC
1011: CKFSM_DIV256
1100: CKPWM
1101: Reserved
1110: Reserved
1111: Reserved
Delay Mode Select or
asynchronous
counter reset
reg <675:674>
00: Delay on both falling and rising edges (for delay & counter reset)
01: Delay on falling edge only (for delay & counter reset Delay)
10: Delay on rising edge only (for delay & counter reset)
11: No delay on either falling or rising edges / high level reset for counter mode
Counter/delay/FSM
or LUT3_7 Macrocell
Function Select
reg <677:676>
00: Delay mode
01: Counter/FSM mode
10: Edge Detect mode
11: LUT3_7
Table 57. 3-bit LUT6 Truth Table
IN2
IN1
IN0
OUT
0
0
0
reg <661>
0
0
1
reg <662>
0
1
0
reg <663>
0
1
1
reg <664>
1
0
0
reg <665>
1
0
1
reg <666>
1
1
0
reg <667>
1
1
1
reg <668>


유사한 부품 번호 - SLG46140

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

유사한 설명 - SLG46140

제조업체부품명데이터시트상세설명
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com