전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46140 데이터시트(PDF) 16 Page - Dialog Semiconductor

부품명 SLG46140
상세설명  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 데이터시트(HTML) 16 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 12Page - Dialog Semiconductor SLG46140 Datasheet HTML 13Page - Dialog Semiconductor SLG46140 Datasheet HTML 14Page - Dialog Semiconductor SLG46140 Datasheet HTML 15Page - Dialog Semiconductor SLG46140 Datasheet HTML 16Page - Dialog Semiconductor SLG46140 Datasheet HTML 17Page - Dialog Semiconductor SLG46140 Datasheet HTML 18Page - Dialog Semiconductor SLG46140 Datasheet HTML 19Page - Dialog Semiconductor SLG46140 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 170 page
background image
000-0046140-109
Page 15 of 169
SLG46140
5.5 Typical Delay Estimated for Each Macrocell
Table 1. Typical Delay Estimated for Each Macrocell
Symbol Parameter
Note
VDD=1.8V
VDD=3.3V
VDD=5.0V
Unit
Rising
Falling
Rising
Falling
Rising
Falling
tpd
Delay
LUT 2-bit
17.43
15.33
6.31
6.09
4.20
4.31
ns
tpd
Delay
LUT 2-bit (Shared with DFF/Latch)
21.53
20.67
8.13
8.33
5.45
6.01
ns
tpd
Delay
LUT 3-bit
18.49
15.69
6.74
6.31
4.49
4.52
ns
tpd
Delay
LUT 3-bit (Shared with DFF/Latch)
23.04
21.51
8.74
8.75
5.86
6.37
ns
tpd
Delay
LUT 3-bit (Shared with Pipe Delay)
25.65
24.01
9.37
9.47
6.677.32
ns
tpd
Delay
LUT 3-bit (Shared with CNT/DLY)
23.17
20.67
8.62
8.32
5.73
6.05
ns
tpd
Delay
LUT 4-bit (Shared with PGEN)
21.13
22.27
9.07
8.97
6.04
6.46
ns
tpd
Delay
LUT 4-bit (Shared with CNT/DLY)
25.42
22.29
9.54
9.02
6.41
6.59
ns
tpd
Delay
DFF (Shared with 2-bit LUT)
27.25
28.68
10.67
10.78
7.30
7.51
ns
tpd
Delay
DFF (Shared with 3-bit LUT)
27.87
28.96
10.87
10.93
7.44
7.61
ns
tpd
Delay
DFF (Shared with 3-bit LUT) nRe-
set
--
29.84
--
12.41
--
8.95
ns
tpd
Delay
DFF (Shared with 3-bit LUT) nSet
--
36.73
--
14.00
--
9.42
ns
tpd
Delay
DFF
23.01
23.77
8.91
8.73
5.95
6.15
ns
tpd
Delay
DFF nReset
--
23.64
--
9.71
--
7.11
ns
tpd
Delay
DFF nSet
--
31.5
--
11.4
--
7.68
ns
tpd
Delay
CNT/DLY opposite to selected
edge delay
46.61
36.87
18.56
15.62
12.53
11.23
ns
tpd
Delay
CNT/DLY (Shared) opposite to se-
lected edge delay
47.30
37.16
18.78
15.78
12.68
11.77
ns
tpd
Delay
CNT/DLY Both edge detect
49.5
52.9
20.07
20.84
13.81
14.32
ns
tpd
Delay
CNT/DLY Rising edge detect
52.39
--
21.32
--
14.67
--
ns
tpd
Delay
CNT/DLY Falling edge detect
--
55.94
--
22.15
--
15.27
ns
tw
Width
CNT/DLY Both edge detect
25.17
24.93
11.98
12.01
8.76
8.83
ns
tw
Width
CNT/DLY Rising edge detect
25.76
--
12.14
--
8.86
--
ns
tw
Width
CNT/DLY Falling edge detect
--
24.51
--
11.79
--
8.57
ns
tpd
Delay
Latch (Shared with 2-bit LUT)
26.25
25.43
10.2
10.43
6.99
7.58ns
tpd
Delay
Latch (Shared with 3-bit LUT)
26.93
25.72
10.42
10.6
7.11
7.72ns
tpd
Delay
Latch (Shared with 3-bit LUT) nRe-
set
--
31.8
--
13.17
--
9.61
ns
tpd
Delay
Latch (Shared with 3-bit LUT) nSet
--
34.23
--
12.97
--
8.76
ns
tpd
Delay
Latch
21.28
19.87
8.17
8.13
5.51
5.92
ns
tpd
Delay
Latch nReset
--
25.45
--
10.52
--
7.74
ns
tpd
Delay
Latch nSet
--
28.36
--
10.37
--
6.76
ns
tpd
Delay
Pipe Delay (Shared)
33.44
34.93
13.39
13.21
9.40
9.17
ns
tpd
Delay
Pipe Delay (Shared) nReset
--
35.42
--
15.07
--
11.24
ns
tpd
Delay
PGEN (Shared)
22.44
23.52
8.69
9.00
5.77
6.01
ns
tpd
Delay
PGEN (Shared) nReset to 0
--
21.73
--
8.88
--
6.60
ns
tpd
Delay
PGEN (Shared) nReset to 1
22.81
--
9.75
--
6.99
--
ns
tpd
Delay
PDLY 1Cells Both edge detect
30.71
35.23
12.00
13.45
8.42
9.26ns
tpd
Delay
PDLY 1Cells delayed output Both
edge detect
191.41
195.73
75.44
76.67
48.41
49.32
ns


유사한 부품 번호 - SLG46140

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

유사한 설명 - SLG46140

제조업체부품명데이터시트상세설명
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com