전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMCG75A 데이터시트(PDF) 4 Page - Microsemi Corporation

부품명 SMCG75A
상세설명  SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMCG75A 데이터시트(HTML) 4 Page - Microsemi Corporation

  SMCG75A Datasheet HTML 1Page - Microsemi Corporation SMCG75A Datasheet HTML 2Page - Microsemi Corporation SMCG75A Datasheet HTML 3Page - Microsemi Corporation SMCG75A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURFACE MOUNT 1500 Watt
Transient Voltage Suppressor
100
10
1.0
0
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4
Copyright
 2005
2-23-05 REV C
SCOTTSD A L E DIVISION
SMCJ5.0 thru SMCJ170CA
and SMCG5.0 thru SMCG170CA
GRAPHS
(Waveform – See Figure 2)
Non-repetitive
Test wave form
parameterxs
tr = 10
µsec.
tp = 1000
µsec.
FIGURE 2 – PULSE WAVEFORM
1
µs
10
µsec
100
µsec
1ms
10ms
tp – Pulse Time – sec
FIGURE 1 – Peak Pulse Power vs. Pulse Time
PAD LAYOUT
INCHES
mm
A
.390
9.90
B
.110
2.79
C
.150
3.81
INCHES
mm
A
0.510
12.95
B
0.110
2.79
C
0.150
3.81
SMCJ
SMCG
TL Lead Temperature
oC
FIGURE 4
FIGURE 3 – Derating Curve
T
ypical Capacitance vs.
Breakdown Voltage
PACKAGE DIMENSIONS
DO-214AB
DO-215AB
DIMENSIONS IN INCHES
A
B
C
D
E
F
K
L
MIN
.115 .260 .220 .305 .075 .380
.025
.030
MAX .121 .280 .245 .320 .095 .400
.040
.060
DIMENSIONS IN MILLIMETERS
MIN
2.92 6.60 5.59 7.75 1.90 9.65
0.635 .760
MAX 3.07 7.11 6.22 8.13 2.41 10.16 1.016 1.520
Typical Standoff Height: 0.004” – 0.008” (0.1mm – 0.2mm)


유사한 부품 번호 - SMCG75A

제조업체부품명데이터시트상세설명
logo
General Semiconductor
SMCG75A GE-SMCG75A Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG75A MICROSEMI-SMCG75A Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Vishay Siliconix
SMCG75A VISHAY-SMCG75A Datasheet
114Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Luguang Electr...
SMCG75A LUGUANG-SMCG75A Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
SMCG75A VISHAY-SMCG75A Datasheet
90Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

유사한 설명 - SMCG75A

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCG5.0 LUGUANG-SMCG5.0 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_1 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com