전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE7047-10 데이터시트(PDF) 4 Page - Pasternack Enterprises, Inc.

부품명 PE7047-10
상세설명  10 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7047-10 데이터시트(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE7047-10_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7047-10_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7047-10_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7047-10_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
10 dB Fixed Attenuator, N Male to N Female Passivated Stainless
Steel Body Rated to 2 Watts Up to 12.4 GHz
PE7047-10
CAD Drawing
PE7047-10 REV 1.1


유사한 부품 번호 - PE7047-10_16

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE7047-10 PASTERNACK-PE7047-10 Datasheet
219Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
More results

유사한 설명 - PE7047-10_16

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE7004-10 PASTERNACK-PE7004-10_16 Datasheet
241Kb / 4P
   10 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-6 PASTERNACK-PE7004-6_16 Datasheet
241Kb / 4P
   6 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-12 PASTERNACK-PE7004-12_16 Datasheet
241Kb / 4P
   12 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-7 PASTERNACK-PE7047-7_16 Datasheet
231Kb / 4P
   7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-40 PASTERNACK-PE7047-40_16 Datasheet
231Kb / 4P
   40 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-4 PASTERNACK-PE7004-4_16 Datasheet
241Kb / 4P
   4 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-9 PASTERNACK-PE7004-9_16 Datasheet
241Kb / 4P
   9 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-30 PASTERNACK-PE7047-30_16 Datasheet
231Kb / 4P
   30 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-2 PASTERNACK-PE7004-2_16 Datasheet
241Kb / 4P
   2 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-7 PASTERNACK-PE7004-7_16 Datasheet
240Kb / 4P
   7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com