전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46532 데이터시트(PDF) 31 Page - Dialog Semiconductor

부품명 SLG46532
상세설명  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46532 데이터시트(HTML) 31 Page - Dialog Semiconductor

Back Button SLG46532 Datasheet HTML 27Page - Dialog Semiconductor SLG46532 Datasheet HTML 28Page - Dialog Semiconductor SLG46532 Datasheet HTML 29Page - Dialog Semiconductor SLG46532 Datasheet HTML 30Page - Dialog Semiconductor SLG46532 Datasheet HTML 31Page - Dialog Semiconductor SLG46532 Datasheet HTML 32Page - Dialog Semiconductor SLG46532 Datasheet HTML 33Page - Dialog Semiconductor SLG46532 Datasheet HTML 34Page - Dialog Semiconductor SLG46532 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 184 page
background image
SLG46532_DS_108
Page 30 of 183
SLG46532
90
0.75
±4.98
0.75
±4.89
0.75
±4.81
100
0.71
±5.64
0.71
±5.52
0.71
±5.44
110
0.67
±5.45
0.67
±5.33
0.67
±5.29
120
0.64
±6.73
0.64
±6.59
0.64
±6.55
130
0.60
±7.00
0.60
±6.88
0.60
±6.84
140
0.56
±6.25
0.56
±6.06
0.56
±6.02
150
0.53
±6.65
0.53
±6.51
0.53
±6.45
160
0.49
±9.29
0.49
±9.12
0.49
±9.08
170
0.46
±7.64
0.46
±7.27
0.46
±7.31
180
0.42
±10.28
0.42
±10.03
0.42
±9.98
Table 20. TS Output vs Temperature, with buffer (output range 2)
T, °C
VDD = 1.8 V
VDD = 3.3 V
VDD = 5.0 V
Typical, V
Accuracy, %
Typical, V
Accuracy, %
Typical, V
Accuracy, %
-40
0.99
±3.29
0.99
±3.28
0.99
±3.28
-30
0.96
±3.33
0.96
±3.24
0.96
±3.31
-20
0.93
±3.37
0.93
±3.30
0.93
±3.34
-10
0.90
±3.46
0.90
±3.39
0.90
±3.40
0
0.87
±3.45
0.87
±3.39
0.87
±3.40
10
0.85
±3.62
0.85
±3.51
0.85
±3.53
20
0.82
±3.66
0.82
±3.58
0.82
±3.53
30
0.79
±3.93
0.79
±3.81
0.79
±3.80
40
0.76
±3.71
0.76
±3.65
0.76
±3.62
50
0.73
±3.97
0.73
±3.90
0.73
±3.91
60
0.70
±4.02
0.70
±3.97
0.70
±4.00
70
0.67
±4.22
0.67
±4.13
0.67
±4.08
80
0.64
±4.38
0.64
±4.29
0.64
±4.26
90
0.61
±4.89
0.61
±4.88
0.61
±4.77
100
0.59
±5.60
0.59
±5.53
0.59
±5.43
110
0.56
±5.42
0.56
±5.29
0.56
±5.23
120
0.53
±6.72
0.53
±6.59
0.53
±6.59
130
0.50
±7.05
0.50
±6.92
0.50
±6.87
140
0.46
±6.24
0.46
±6.04
0.46
±6.04
150
0.43
±6.68
0.43
±6.44
0.43
±6.46
160
0.41
±9.32
0.41
±9.12
0.41
±9.00
170
0.38
±7.55
0.38
±7.21
0.38
±7.34
180
0.35
±10.24
0.35
±10.08
0.35
±9.98
Table 19. TS Output vs Temperature, with buffer (output range 1)
T, °C
VDD = 1.8 V
VDD = 3.3 V
VDD = 5.0 V
Typical, V
Accuracy, %
Typical, V
Accuracy, %
Typical, V
Accuracy, %


유사한 부품 번호 - SLG46532

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532V RENESAS-SLG46532V Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532VTR RENESAS-SLG46532VTR Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
More results

유사한 설명 - SLG46532

제조업체부품명데이터시트상세설명
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com